Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDMM7M Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # HDMM7M
Description  7m High Speed HDMI Cable - Ultra HD 4k x 2k HDMI Cable - HDMI to HDMI M/M
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

HDMM7M Datasheet(HTML) 1 Page - StarTech.com Ltd.

  HDMM7M Datasheet HTML 1Page - StarTech.com Ltd. HDMM7M Datasheet HTML 2Page - StarTech.com Ltd. HDMM7M Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
7m High Speed HDMI Cable - Ultra HD 4k x 2k HDMI Cable - HDMI to HDMI M/M
Product ID: HDMM7M
The HDMM7M High Speed HDMI cable (7m/22.9ft) features 2 gold-plated HDMI (male) connectors and durable high
quality construction to provide a dependable HDMI to HDMI connection between devices such as Blu-Ray Disc
players, HDTVs, DVD Players, stereo receivers, projectors and more.
This high quality HDMI cable fully supports 1080p+ resolutions at up to 120Hz refresh rate, with life-like color. To
accommodate the demands of future high definition devices, such as increased resolutions and higher frame rates,
this Ultra HD cable supports resolutions up to 4k x 2k.
The HDMM7M 7-meter/22.9ft HDMI cable is backed by StarTech.com's Lifetime Warranty.
About StarTech.com HDMI to HDMI Cables:
StarTech.com High Speed HDMI digital video and audio cables are expertly designed and constructed of only top
quality materials to ensure high quality, high definition performance. The HDMI standard combines high bandwidth
video and multi-channel digital audio into a single cable, and provides crystal clear image resolution.
Certifications, Reports and Compatibility
Applications
• Connecting high-definition A/V devices such as Blu-Ray Disc players, HDTVs, DVD Players, DVRs, game consoles,
projectors etc.
• A convenient, single-cable solution for connecting high-definition set-top boxes, A/V receivers


Similar Part No. - HDMM7M

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
HDMM00201 SHIELD-HDMM00201 Datasheet
293Kb / 2P
7/8 with cable, angled
HDMM00309 SHIELD-HDMM00309 Datasheet
293Kb / 2P
7/8 with cable, angled
HDMM00339 SHIELD-HDMM00339 Datasheet
293Kb / 2P
7/8 with cable, angled
HDMM00407 SHIELD-HDMM00407 Datasheet
293Kb / 2P
7/8 with cable, angled
HDMM00437 SHIELD-HDMM00437 Datasheet
293Kb / 2P
7/8 with cable, angled
More results

Similar Description - HDMM7M

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
1721001-03 QUALTEK-1721001-03 Datasheet
443Kb / 1P
HDMI/M - HDMI/M
1721005-06 QUALTEK-1721005-06 Datasheet
443Kb / 1P
HDMI/M - HDMI/M
1721009-10 QUALTEK-1721009-10 Datasheet
443Kb / 1P
HDMI/M - HDMI/M
1721013-16 QUALTEK-1721013-16 Datasheet
441Kb / 1P
HDMI/M - HDMI/M
logo
Molex Electronics Ltd.
887689830 MOLEX2-887689830 Datasheet
291Kb / 4P
HDMI(M) TO HDMI(M) CABLE ASSY
logo
Tripp Lite. All Rights ...
P568-003-WH TRIPPLITE-P568-003-WH Datasheet
157Kb / 2P
High Speed HDMI Cable, Ultra HD 4K x 2K, Digital Video with Audio (M/M), White, 3-ft.
P568-010 TRIPPLITE-P568-010 Datasheet
157Kb / 2P
High Speed HDMI Cable, Ultra HD 4K x 2K, Digital Video with Audio (M/M), Black, 10-ft.
P568-012 TRIPPLITE-P568-012 Datasheet
157Kb / 2P
High Speed HDMI Cable, Ultra HD 4K x 2K, Digital Video with Audio (M/M), Black, 12-ft.
P568-016 TRIPPLITE-P568-016 Datasheet
157Kb / 2P
High Speed HDMI Cable, Ultra HD 4K x 2K, Digital Video with Audio (M/M), Black, 16-ft.
P568-006-WH TRIPPLITE-P568-006-WH Datasheet
157Kb / 2P
High Speed HDMI Cable, Ultra HD 4K x 2K, Digital Video with Audio (M/M), White, 6-ft.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com