Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDMM5M Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # HDMM5M
Description  5m (16.4ft) HDMI Cable - 4K High Speed HDMI Cable with Ethernet - UHD 4K 30Hz Video - HDMI 1.4 Cable - Ultra HD HDMI Monitors, Projectors, TVs & Displays - Black HDMI Cord - M/M
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

HDMM5M Datasheet(HTML) 2 Page - StarTech.com Ltd.

  HDMM5M Datasheet HTML 1Page - StarTech.com Ltd. HDMM5M Datasheet HTML 2Page - StarTech.com Ltd. HDMM5M Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• Connecting high-definition A/V devices such as Blu-Ray Disc players, HDTVs, DVD Players, DVRs, game consoles,
projectors etc.
Features
• HIGH SPEED HDMI CABLE: 16.4 ft (5m) HDMI 1.4b Cable with Ethernet supports 4K video (3840x2160p, 24, 25,
30Hz 4096x2160p, 24Hz), Full HD (1920x1080p, 120Hz), 10.2 Gbps bandwidth, wide aspect ratio, 8Ch Audio
(5.1/7.1/DD+/Dolby TrueHD), 3D Video
• DURABLE: 16.4ft Ultra HD 4K high speed HDMI cable (fully molded) with durable PVC jacket for high strength and
reliability; Flexible PVC strain relief prevents fraying/damage due to repetitive bending or rough usage
• QUALITY CONSTRUCTION: 30/28 AWG wire with gold-plated connectors, and superior EMI shielding with Al-Mylar
foil & copper braid improve signal integrity and reliability, providing higher quality video & audio with this HDMI 1.4
cable
• APPLICATIONS: Use this 4K HDMI cable in home offices, conference rooms, offices or classrooms; works with
your laptop, professional workstation & soundbar for presentations via UHD/4K monitor, projector or large display;
Samsung/Sony/Apple TV/Dell/Lenovo
• SPECS: 16.4 foot (5m) Black HDMI 1.4b HDMI Cord Male to Male 30/28 AWG Gold-plated connectors PVC
Jacket Shield: Al-Mylar foil w/ 65% Braid ARC, Deep Color, HDCP 1.4, CEC YCC601 Color Supports HDMI 1.4
and earlier Lifetime Warranty
Hardware
Warranty
Lifetime
Connector Plating
Gold
Cable Jacket Material
PVC - Polyvinyl Chloride
Cable Shield Material
Aluminum-Mylar Foil with Braid
Performance
Maximum Digital
Resolutions
4K x 2K @ 30 Hz
Connector(s)
Connector A
1 - HDMI (19 pin)
Connector B
1 - HDMI (19 pin)
Physical
Characteristics
Color
Black
Connector Style
Straight



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com