Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDMM5M Datasheet (PDF) - StarTech.com Ltd.

HDMM5M Datasheet PDF - StarTech.com Ltd.
Part # HDMM5M
Download  HDMM5M Download
File Size   76.85 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 5m (16.4ft) HDMI Cable - 4K High Speed HDMI Cable with Ethernet - UHD 4K 30Hz Video - HDMI 1.4 Cable - Ultra HD HDMI Monitors, Projectors, TVs & Displays - Black HDMI Cord - M/M

HDMM5M Datasheet (PDF)

Go To PDF Page Download Datasheet
HDMM5M Datasheet PDF - StarTech.com Ltd.

Part # HDMM5M
Download  HDMM5M Click to download

File Size   76.85 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 5m (16.4ft) HDMI Cable - 4K High Speed HDMI Cable with Ethernet - UHD 4K 30Hz Video - HDMI 1.4 Cable - Ultra HD HDMI Monitors, Projectors, TVs & Displays - Black HDMI Cord - M/M

HDMM5M Datasheet (HTML) - StarTech.com Ltd.


HDMM5M Product details

Applications
• Connecting high-definition A/V devices such as Blu-Ray Disc players, HDTVs, DVD Players, DVRs, game consoles,
projectors etc.

Features
• HIGH SPEED HDMI CABLE: 16.4 ft (5m) HDMI 1.4b Cable with Ethernet supports 4K video (3840x2160p, 24, 25,
30Hz 4096x2160p, 24Hz), Full HD (1920x1080p, 120Hz), 10.2 Gbps bandwidth, wide aspect ratio, 8Ch Audio
(5.1/7.1/DD+/Dolby TrueHD), 3D Video
• DURABLE: 16.4ft Ultra HD 4K high speed HDMI cable (fully molded) with durable PVC jacket for high strength and
reliability; Flexible PVC strain relief prevents fraying/damage due to repetitive bending or rough usage
• QUALITY CONSTRUCTION: 30/28 AWG wire with gold-plated connectors, and superior EMI shielding with Al-Mylar
foil & copper braid improve signal integrity and reliability, providing higher quality video & audio with this HDMI 1.4
cable
• APPLICATIONS: Use this 4K HDMI cable in home offices, conference rooms, offices or classrooms; works with
your laptop, professional workstation & soundbar for presentations via UHD/4K monitor, projector or large display;
Samsung/Sony/Apple TV/Dell/Lenovo
• SPECS: 16.4 foot (5m) Black HDMI 1.4b HDMI Cord Male to Male 30/28 AWG Gold-plated connectors PVC
Jacket Shield: Al-Mylar foil w/ 65% Braid ARC, Deep Color, HDCP 1.4, CEC YCC601 Color Supports HDMI 1.4
and earlier Lifetime Warranty




Similar Part No. - HDMM5M

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
HDMM00201 SHIELD-HDMM00201 Datasheet
293Kb / 2P
7/8 with cable, angled
HDMM00309 SHIELD-HDMM00309 Datasheet
293Kb / 2P
7/8 with cable, angled
HDMM00339 SHIELD-HDMM00339 Datasheet
293Kb / 2P
7/8 with cable, angled
HDMM00407 SHIELD-HDMM00407 Datasheet
293Kb / 2P
7/8 with cable, angled
HDMM00437 SHIELD-HDMM00437 Datasheet
293Kb / 2P
7/8 with cable, angled
More results


Similar Description - HDMM5M

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
887689830 MOLEX2-887689830 Datasheet
291Kb / 4P
HDMI(M) TO HDMI(M) CABLE ASSY
logo
Tripp Lite. All Rights ...
P569-006-CERT TRIPPLITE-P569-006-CERT Datasheet
173Kb / 3P
Premium High-Speed HDMI Cable with Ethernet and Gripping Connectors, HDMI 2.0, UHD 4K x 2K @ 60 Hz (M/M), 6 ft.
P569-010 TRIPPLITE-P569-010 Datasheet
157Kb / 2P
High Speed HDMI Cable with Ethernet, Ultra HD 4K x 2K, Digital Video with Audio (M/M), 10-ft.
P569-010-CERT TRIPPLITE-P569-010-CERT Datasheet
175Kb / 3P
Premium High-Speed HDMI Cable with Ethernet and Gripping Connectors, HDMI 2.0, UHD 4K x 2K @ 60 Hz (M/M), 10 ft.
P569-015-CERT TRIPPLITE-P569-015-CERT Datasheet
175Kb / 3P
Premium High-Speed HDMI Cable with Ethernet and Gripping Connectors, HDMI 2.0, UHD 4K x 2K @ 60 Hz (M/M), 15 ft.
P569-016 TRIPPLITE-P569-016 Datasheet
157Kb / 2P
High Speed HDMI Cable with Ethernet, Ultra HD 4K x 2K, Digital Video with Audio (M/M), 16-ft.
P569-020 TRIPPLITE-P569-020 Datasheet
157Kb / 2P
High Speed HDMI Cable with Ethernet, Ultra HD 4K x 2K, Digital Video with Audio (M/M), 20-ft.
P569-025 TRIPPLITE-P569-025 Datasheet
157Kb / 2P
High Speed HDMI Cable with Ethernet, Ultra HD 4K x 2K, Digital Video with Audio (M/M), 25-ft.
P569-006 TRIPPLITE-P569-006 Datasheet
157Kb / 2P
High Speed HDMI Cable with Ethernet, Ultra HD 4K x 2K, Digital Video with Audio (M/M), 6-ft.
logo
Advantech Co., Ltd.
VEGA-1010 ADVANTECH-VEGA-1010 Datasheet
134Kb / 1P
4K UHD HDMI Video Mixer
29-Mar-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com