Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PP002040. Datasheet(PDF) 2 Page - Pro-Power

Part # PP002040.
Description  UL approved NYLON 66, 94V-2(Black)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

PP002040. Datasheet(HTML) 2 Page - Pro-Power

  PP002040. Datasheet HTML 1Page - Pro-Power PP002040. Datasheet HTML 2Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
JIS THREAD
Check Selected
Return All Selected
AG-32
g
f
e
d
c
32
1.5
26.0 23.4 14.7 20.3 26.2 18~25
25pcs
AG-40
g
f
e
d
c
40
1.5
33.0 30.6 17.7 23.4 31.6 22~32
10pcs
.
AG-50
g
f
e
d
c
50
1.5
41.2 38.2 17.3 25.7 31.6 30~38
.
AG-63
g
f
e
d
c
61
1.5
54.1 44.0 18.5 27.0 32.6 34~44
AG-63M
g
f
e
d
c
63
1.5
54.1 44.0 18.5 27.0 32.6 34~44
AG-63L
g
f
e
d
c
63
1.5
56.0 49.5 25.4 29.5 36.5 42~50
Unit:mm
Item No.
Mounting
Hole D1
Pitch
(mm)
D2
B1 L1 L2
L3
Cable
Range
Packing
AG-16F
g
f
e
d
c
20.8
PF1/2"
11
13 9.5 14.0 18.7
5~10
50pcs
AG-20F
g
f
e
d
c
20.8
PF1/2" 14.7 14.7 9.5 16.0 18.5
6~13
AGJ-14
g
f
e
d
c
14 1.5
8.04
6.33
8.07
12.15 13.3 3~6.5
50pcs
AGJ-17
g
f
e
d
c
17 1.5 10.76 10.25 14.63 14.53 16.7
5~10
AGJ-21
g
f
e
d
c
21 1.5 14.98 13.50 12.87 19.60 18.4 10~14
AGJ-27
g
f
e
d
c
27 1.5 18.37 18.65 14.66 18.45 22.3 13~18
AGJ-34
g
f
e
d
c
34 1.5 25.84 25.31 14.84 20.75 26.1 18~25 25pcs
Input Sample Order
Page 2 of 2
0604 NYLON CABLE GLAND
25/05/2005
http://www.kss.com.tw/e4/e4-6/e0604.asp



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com