Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PP002040. Datasheet(PDF) 1 Page - Pro-Power

Part # PP002040.
Description  UL approved NYLON 66, 94V-2(Black)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

PP002040. Datasheet(HTML) 1 Page - Pro-Power

  PP002040. Datasheet HTML 1Page - Pro-Power PP002040. Datasheet HTML 2Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0604 NYLON CABLE GLAND
Material: UL approved NYLON 66, 94V-2(Black)
METRIC THREAD
Unit:mm
.
Item No.
Mounting
Hole D1
Pitch
(mm)
D2 B1
L1
L2
L3 Cable
Range
Packing
AG-12
g
f
e
d
c
12
1.25
8.3 6.0 7.9 12.1 13.3 3~6.5
50pcs
AG-12L
g
f
e
d
c
12
1.5
8.3 6.0 7.9 12.1 13.3 3~6.5
AG-16
g
f
e
d
c
16
1.5
10.9 9.6 15.7 14.4 16.7 5~10
AG-20
g
f
e
d
c
20
1.5
14.8 12.9 15.0 19.5 18.4 10~14
AG-25
g
f
e
d
c
25
1.5
18.6 16.4 15.0 18.7 22.3 13~18
Page 1 of 2
0604 NYLON CABLE GLAND
25/05/2005
http://www.kss.com.tw/e4/e4-6/e0604.asp


Similar Part No. - PP002040.

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
PP002027 MULTICOMP-PP002027 Datasheet
122Kb / 1P
LiYv Hook Up Wire
V1.0 28/04/20
PP002028 MULTICOMP-PP002028 Datasheet
122Kb / 1P
LiYv Hook Up Wire
V1.0 28/04/20
PP002029 MULTICOMP-PP002029 Datasheet
122Kb / 1P
LiYv Hook Up Wire
V1.0 28/04/20
PP002030 MULTICOMP-PP002030 Datasheet
122Kb / 1P
LiYv Hook Up Wire
V1.0 28/04/20
PP002031 MULTICOMP-PP002031 Datasheet
122Kb / 1P
LiYv Hook Up Wire
V1.0 28/04/20
More results

Similar Description - PP002040.

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0945509002 MOLEX11-0945509002 Datasheet
136Kb / 2P
5.00mm (.197") Pitch, Rast 5, PA Polyamide (Nylon) 6/6, UL 94V-2, 2 Circuits, Natural
0945504482 MOLEX11-0945504482 Datasheet
137Kb / 2P
5.00mm (.197") Pitch, Rast 5, PA Polyamide (Nylon) 6/6, UL 94V-2, 2 Circuits, Black, Glow Wire Compatible
logo
List of Unclassifed Man...
3220-10-0100-00 ETC2-3220-10-0100-00 Datasheet
47Kb / 1P
INSULAATOR MATERIAL: NYLON-6T, UL 94V- 0
logo
Molex Electronics Ltd.
94550-9192 MOLEX11-94550-9192 Datasheet
40Kb / 1P
5.00mm Pitch, Rast 5, PA Polyamide (Nylon) 6/6, UL 94V-2, 2 Circuits, Gray
94550-9702 MOLEX11-94550-9702 Datasheet
40Kb / 1P
5.00mm Pitch, Rast 5, PA Polyamide (Nylon) 6/6, UL 94V-2, 2 Circuits, Natural
logo
Harwin Plc
R6706-R6718 HARWIN-R6706-R6718 Datasheet
64Kb / 1P
NYLon 66 white ul94v-2
logo
Vishay Siliconix
VS-HFA90NH40PBF VISHAY-VS-HFA90NH40PBF Datasheet
152Kb / 7P
UL approved file E222165
19-Mar-15
logo
CIT Relay & Switch
AHU CIT-AHU Datasheet
308Kb / 6P
UL Approved Illuminated Pushbutton
DH22U CIT-DH22U Datasheet
272Kb / 5P
UL Approved Illuminated Pushbutton
DHU CIT-DHU Datasheet
544Kb / 11P
UL Approved Illuminated Pushbutton
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com