Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P008D Datasheet(PDF) 1 Page - Pro-Signal

Part # P008D
Description  Power Supply Bench
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

P008D Datasheet(HTML) 1 Page - Pro-Signal

  P008D Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Supply
Bench
Page 1
09/07/10 V1.0
http://www.farnell.com
http://www.newark.com
http://www.cpc.co.uk
Disclaimer This data sheet and its contents (the "Information") belong to the Premier Farnell Group (the "Group") or are licensed to it. No licence is granted for the use of it other than for information purposes
in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces all data sheets previously supplied.
The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use made of it. Users of this data
sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted. Liability for loss or damage
resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising) is excluded.
This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. SPC pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2010.
Features:
• Grey 13.8V dc 7A regulated power supply designed to run for 90 minutes.
• 7A (9A peak) power supply with a fixed 13.8V output.
• Ideally suited to powering CB radios, communication transceivers and
other appliances that require a 13.8V supply.
• Housed in a grey plastic enclosure with illuminated mains on/off switch and
two terminal posts (red and black) for the 13.8V output.
• The unit is designed to run for up to 90 minutes at 7A.
Specifications
Colour
: Grey.
Dimensions
: 100 x 140 x 230mm.
Weight
: 4kg.
Power input
: 230V ac at 50Hz.
Connectors
: Binding post.
Outputs
: 13.8V dc.
Peak current
: 9A.
Continuous current
: 90 minutes at 7A.
Part Number Table
Description
Part Number
PSU, Bench, Fixed Voltage
P008D


Similar Part No. - P008D

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
P0080BE JIEJIE-P0080BE Datasheet
223Kb / 5P
Excellent capability of absorbing transient surge
logo
HuaXinAn Electronics CO...
P0080C2 HUAXINAN-P0080C2 Datasheet
327Kb / 4P
Thyristor Surge Suppressors
logo
JIEJIE MICROELECTRONICS...
P0080CE JIEJIE-P0080CE Datasheet
223Kb / 5P
Excellent capability of absorbing transient surge
logo
UN Semiconducctor INC
P0080DM UNSEMI-P0080DM Datasheet
2Mb / 6P
Thyristor Surge Suppressors (TSS)
Revision March 1,2022
logo
Shanghai Shunye Electro...
P0080DM SHUNYE-P0080DM Datasheet
1Mb / 4P
PxxxxDM Series TSS
More results

Similar Description - P008D

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C3830 HAMAMATSU-C3830 Datasheet
26Kb / 2P
COMPACT BENCH-TOP TYPE REGULATED DC POWER SUPPLY
C9525 HAMAMATSU-C9525 Datasheet
246Kb / 2P
COMPACT BENCH-TOP TYPE REGULATED DC POWER SUPPLY
logo
CAMBION Electronic Comp...
435-3803 CAMBION-435-3803 Datasheet
141Kb / 2P
Manual Bench Press
logo
Molex Electronics Ltd.
0578277100 MOLEX11-0578277100 Datasheet
38Kb / 1P
IDT Bench-Top Terminator
logo
Power System Technology
FAB0501012 PST-FAB0501012 Datasheet
220Kb / 3P
Test bench
FAB0504009 PST-FAB0504009 Datasheet
210Kb / 3P
Test bench
logo
Analog Devices
ADA4571R-EBZ AD-ADA4571R-EBZ Datasheet
847Kb / 13P
Customer supplied 6 V to 12 V bench supply
Rev. 0
logo
Maxim Integrated Produc...
MAX77932EVKIT MAXIM-MAX77932EVKIT Datasheet
1Mb / 12P
Bench power supply or 2-series cell battery pack with protector
310-100554; Rev 1; 6/20
logo
Molex Electronics Ltd.
0578657000 MOLEX-0578657000 Datasheet
24Kb / 1P
IDT Bench-Top Terminator
10/02/2017
logo
Keysight Technologies
E36200 KEYSIGHT-E36200 Datasheet
861Kb / 14P
Autoranging Bench Power Supply
March 30, 2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com