Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P008D Datasheet (PDF) - Pro-Signal

P008D Datasheet PDF - Pro-Signal
Part # P008D
Download  P008D Download
File Size   32.17 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description Power Supply Bench

P008D Datasheet (PDF)

Go To PDF Page Download Datasheet
P008D Datasheet PDF - Pro-Signal

Part # P008D
Download  P008D Click to download

File Size   32.17 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description Power Supply Bench

P008D Datasheet (HTML) - Pro-Signal


P008D Product details

Features:
• Grey 13.8V dc 7A regulated power supply designed to run for 90 minutes.
• 7A (9A peak) power supply with a fixed 13.8V output.
• Ideally suited to powering CB radios, communication transceivers and
other appliances that require a 13.8V supply.
• Housed in a grey plastic enclosure with illuminated mains on/off switch and
two terminal posts (red and black) for the 13.8V output.
• The unit is designed to run for up to 90 minutes at 7A.

Description
PSU, Bench, Fixed Voltage




Similar Part No. - P008D

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
P0080BE JIEJIE-P0080BE Datasheet
223Kb / 5P
Excellent capability of absorbing transient surge
logo
HuaXinAn Electronics CO...
P0080C2 HUAXINAN-P0080C2 Datasheet
327Kb / 4P
Thyristor Surge Suppressors
logo
JIEJIE MICROELECTRONICS...
P0080CE JIEJIE-P0080CE Datasheet
223Kb / 5P
Excellent capability of absorbing transient surge
logo
UN Semiconducctor INC
P0080DM UNSEMI-P0080DM Datasheet
2Mb / 6P
Thyristor Surge Suppressors (TSS)
Revision March 1,2022
logo
Shanghai Shunye Electro...
P0080DM SHUNYE-P0080DM Datasheet
1Mb / 4P
PxxxxDM Series TSS
More results


Similar Description - P008D

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C3830 HAMAMATSU-C3830 Datasheet
26Kb / 2P
COMPACT BENCH-TOP TYPE REGULATED DC POWER SUPPLY
C9525 HAMAMATSU-C9525 Datasheet
246Kb / 2P
COMPACT BENCH-TOP TYPE REGULATED DC POWER SUPPLY
logo
CAMBION Electronic Comp...
435-3803 CAMBION-435-3803 Datasheet
141Kb / 2P
Manual Bench Press
logo
Molex Electronics Ltd.
0578277100 MOLEX11-0578277100 Datasheet
38Kb / 1P
IDT Bench-Top Terminator
logo
Power System Technology
FAB0501012 PST-FAB0501012 Datasheet
220Kb / 3P
Test bench
FAB0504009 PST-FAB0504009 Datasheet
210Kb / 3P
Test bench
logo
Analog Devices
ADA4571R-EBZ AD-ADA4571R-EBZ Datasheet
847Kb / 13P
Customer supplied 6 V to 12 V bench supply
Rev. 0
logo
Maxim Integrated Produc...
MAX77932EVKIT MAXIM-MAX77932EVKIT Datasheet
1Mb / 12P
Bench power supply or 2-series cell battery pack with protector
310-100554; Rev 1; 6/20
logo
Molex Electronics Ltd.
0578657000 MOLEX-0578657000 Datasheet
24Kb / 1P
IDT Bench-Top Terminator
10/02/2017
logo
Keysight Technologies
E36200 KEYSIGHT-E36200 Datasheet
861Kb / 14P
Autoranging Bench Power Supply
March 30, 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com