Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZPSD211R Datasheet(PDF) 49 Page - STMicroelectronics

Part # ZPSD211R
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ZPSD211R Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ZPSD211R Datasheet HTML 43Page - STMicroelectronics ZPSD211R Datasheet HTML 44Page - STMicroelectronics ZPSD211R Datasheet HTML 45Page - STMicroelectronics ZPSD211R Datasheet HTML 46Page - STMicroelectronics ZPSD211R Datasheet HTML 47Page - STMicroelectronics ZPSD211R Datasheet HTML 48Page - STMicroelectronics ZPSD211R Datasheet HTML 49Page - STMicroelectronics ZPSD211R Datasheet HTML 50Page - STMicroelectronics ZPSD211R Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 51 page
background image
PSD211R Family
46
Operating
Speed
Temperature
Part Number
(ns)
Package Type
Range
PSD211R-B-70J
70
44 Pin PLDCC
Comm’l
PSD211R-B-70L
70
44 Pin CLDCC
Comm’l
PSD211R-B-70M
70
44 Pin PQFP
Comm’l
PSD211R-B-90J
90
44 Pin PLDCC
Comm’l
PSD211R-B-90JI
90
44 Pin PLDCC
Industrial
PSD211R-B-15J
150
44 Pin PLDCC
Comm’l
PSD211R-B-15L
150
44 Pin CLDCC
Comm’l
PSD211R-B-15M
150
44 Pin PQFP
Comm’l
ZPSD211R-B-70J
70
44 Pin PLDCC
Comm’l
ZPSD211R-B-70L
70
44 Pin CLDCC
Comm’l
ZPSD211R-B-70M
70
44 Pin PQFP
Comm’l
ZPSD211R-B-90JI
90
44 Pin PLDCC
Industrial
ZPSD211R-B-90MI
90
44 Pin PQFP
Industrial
ZPSD211R-B-15J
150
44 Pin PLDCC
Comm’l
ZPSD211R-B-15L
150
44 Pin CLDCC
Comm’l
ZPSD211R-B-15M
150
44 Pin PQFP
Comm’l
ZPSD211RV-B-20J
200
44 Pin PLDCC
Comm’l
ZPSD211RV-B-20JI
200
44 Pin PLDCC
Industrial
ZPSD211RV-B-20L
200
44 Pin CLDCC
Comm’l
ZPSD211RV-B-20M
200
44 Pin PQFP
Comm’l
ZPSD211RV-B-25J
250
44 Pin PLDCC
Comm’l
ZPSD211RV-B-25JI
250
44 Pin PLDCC
Industrial
22.0
PSD211R
Ordering
Information
(cont.)
22.3 Ordering Information
Temperature (Blank = Commercial,
I = Industrial, M = Military)
Package Type
Speed (-70 = 70ns, -90 = 90ns, -15 = 150ns
-20 = 200ns, -25 = 250ns)
Revision (Blank = No Revision)
Supply Voltage (Blank = 5V, V = 3 Volt)
Base Part Number - see Selector Guide
PSD (WSI Programmable System Device) Fam.
Power Down Feature (Blank = Standard,
Z = Zero Power Feature)
Z
PSD
-A -20 J
I
413A2 V
22.2 Part Number Construction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com