Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZPSD211R Datasheet(PDF) 13 Page - STMicroelectronics

Part # ZPSD211R
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ZPSD211R Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ZPSD211R Datasheet HTML 9Page - STMicroelectronics ZPSD211R Datasheet HTML 10Page - STMicroelectronics ZPSD211R Datasheet HTML 11Page - STMicroelectronics ZPSD211R Datasheet HTML 12Page - STMicroelectronics ZPSD211R Datasheet HTML 13Page - STMicroelectronics ZPSD211R Datasheet HTML 14Page - STMicroelectronics ZPSD211R Datasheet HTML 15Page - STMicroelectronics ZPSD211R Datasheet HTML 16Page - STMicroelectronics ZPSD211R Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
NOTES:
1. CSI is a power-down signal. When high, the PAD is in stand-by mode and all its outputs
become non-active. See Tables 7A and 7B.
2. RESET deselects all PAD output signals. See Tables 8A and 8B.
3. A18, A17, and A16 are internally multiplexed with CS10, CS9, and CS8, respectively.
Either A18 or CS10, A17 or CS9, and A16 or CS8 can be routed to the external pins of
Port C. Port C can be configured as either input or output.
ALE or AS
WR or R/W
A19
A18
A17
A16
A15
A14
A13
A12
A11
ES0
ES1
ES2
ES3
ES4
ES5
ES6
ES7
CSIOPORT
CS0/PB0
CS1/PB1
CS2/PB2
CS3/PB3
CS4/PB4
CS5/PB5
CS6/PB6
CS7/PB7
CS8/PC0
CS9/PC1
CS10/PC2
RD/E
8 EPROM BLOCK
SELECT LINES
CSI
RESET
I/O BASE ADDRESS
PAD
B
PAD
A
PSD211R Family
10
Figure 4. PAD Description
Programmable
Address
Decoder (PAD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com