Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD57060 Datasheet(PDF) 2 Page - STMicroelectronics

Part # PD57060
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57060 Datasheet(HTML) 2 Page - STMicroelectronics

  PD57060 Datasheet HTML 1Page - STMicroelectronics PD57060 Datasheet HTML 2Page - STMicroelectronics PD57060 Datasheet HTML 3Page - STMicroelectronics PD57060 Datasheet HTML 4Page - STMicroelectronics PD57060 Datasheet HTML 5Page - STMicroelectronics PD57060 Datasheet HTML 6Page - STMicroelectronics PD57060 Datasheet HTML 7Page - STMicroelectronics PD57060 Datasheet HTML 8Page - STMicroelectronics PD57060 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PD57060 - PD57060S
2/12
ELECTRICAL SPECIFICATION (TCASE = 25 °C)
STATIC
DYNAMIC
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
VGS = 0 V
IDS = 1 mA
65
V
IDSS
VGS = 0 V
VDS = 28 V
1
µA
IGSS
VGS = 20 V
VDS = 0 V
1
µA
VGS(Q)
VDS = 28 V
ID = 100 mA
2.0
5.0
V
VDS(ON)
VGS = 10 V
ID = 3 A
0.7
0.8
V
GFS
VDS = 10 V
ID = 3 A
2.5
mho
CISS
VGS = 0 V
VDS = 28 V
f = 1 MHz
83
pF
COSS
VGS = 0 V
VDS = 28 V
f = 1 MHz
58
pF
CRSS
VGS = 0 V
VDS = 28 V
f = 1 MHz
3pF
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
VDD = 28 V
IDQ = 100 mA
f = 945 MHz
60
W
GP
VDD = 28 V
IDQ = 100 mA
POUT = 60 W
f = 945 MHz
14.3
dB
ηD
VDD = 28 V
IDQ = 100 mA
POUT = 60 W
f = 945 MHz
54
%
Load
mismatch
VDD = 28 V
IDQ = 100 mA
POUT = 60 W
f = 945 MHz
ALL PHASE ANGLES
5:1
VSWR
FREQ.
ZIN (Ω)ZDL(Ω)
890 MHz
0.646 + j 0.694
1.577 - j 0.997
925 MHz
0.568 + j 0.372
1.427 - j 1.459
945 MHz
0.705 + j 0.692
1.278 - j 1.935
960 MHz
0.591 + j 1.039
1.173 - j 2.464
PIN CONNECTION
GATE
SOURCE
DRAIN
SC15200
Ref. 7143417B
Typical Input
Impedance
Typical Drain
Load Impedance
G
D
S
ZDL
Zin
SC13140
PD57060S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com