Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD57060 Datasheet(PDF) 1 Page - STMicroelectronics

Part # PD57060
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57060 Datasheet(HTML) 1 Page - STMicroelectronics

  PD57060 Datasheet HTML 1Page - STMicroelectronics PD57060 Datasheet HTML 2Page - STMicroelectronics PD57060 Datasheet HTML 3Page - STMicroelectronics PD57060 Datasheet HTML 4Page - STMicroelectronics PD57060 Datasheet HTML 5Page - STMicroelectronics PD57060 Datasheet HTML 6Page - STMicroelectronics PD57060 Datasheet HTML 7Page - STMicroelectronics PD57060 Datasheet HTML 8Page - STMicroelectronics PD57060 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
March, 21 2003
PD57060
PD57060S
RF POWER TRANSISTORS
The
LdmoST Plastic FAMILY
N-CHANNEL ENHANCEMENT-MODE LATERAL
MOSFETs
• EXCELLENT THERMAL STABILITY
• COMMON SOURCE CONFIGURATION
• POUT = 60 W with 14.3 dB gain @ 945 MHz /
28V
• NEW RF PLASTIC PACKAGE
DESCRIPTION
The PD57060S is a common source N-Channel,
enhancement-mode lateral Field-Effect RF power
transistor. It is designed for high gain, broad band
commercial and industrial applications. It operates
at 28 V in common source mode at frequencies of
up to 1 GHz. PD57060S boasts the excellent gain,
linearity and reliability of ST’s latest LDMOS
technology mounted in the first true SMD plastic
RF power package, PowerSO-10RF. PD57060S’s
superior linearity performance makes it an ideal
solution for base station applications.
The PowerSO-10 plastic package, designed to
offer high
reliability,
is
the first ST JEDEC
approved, high power SMD package. It has been
specially
optmized for RF needs and offers
excellent RF performances and ease of assembly.
PowerSO-10RF
(formed lead)
ORDER CODE
PD57060
BRANDING
PD57060
PowerSO-10RF
(Straight lead)
ORDER CODE
PD57060S
BRANDING
PD57060S
ABSOLUTE MAXIMUM RATINGS (TCASE = 25 °C)
Symbol
Parameter
Value
Unit
V(BR)DSS
Drain-Source Voltage
65
V
VGS
Gate-Source Voltage
± 20
V
ID
Drain Current
7
A
PDISS
Power Dissipation (@ Tc = 70°C)
79
W
Tj
Max. Operating Junction Temperature
165
°C
TSTG
Storage Temperature
-65 to +150
°C
THERMAL DATA (TCASE = 70 °C)
Rth(j-c)
Junction -Case Thermal Resistance
1.0
°C/W
Mounting recommendations are available in
www.st.com/rf/ (look for application note AN1294)


Similar Part No. - PD57060

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD57060-E STMICROELECTRONICS-PD57060-E Datasheet
488Kb / 21P
RF POWER Transistors, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
23-Jan-2007
PD57060-E STMICROELECTRONICS-PD57060-E Datasheet
520Kb / 21P
RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
03-Jun-2010
logo
List of Unclassifed Man...
PD57060S ETC1-PD57060S Datasheet
288Kb / 5P
HF to 2000 MHz Class AB Common Source - PowerSO-10RF
logo
STMicroelectronics
PD57060S-E STMICROELECTRONICS-PD57060S-E Datasheet
488Kb / 21P
RF POWER Transistors, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
23-Jan-2007
PD57060S-E STMICROELECTRONICS-PD57060S-E Datasheet
520Kb / 21P
RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
03-Jun-2010
More results

Similar Description - PD57060

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD55003 STMICROELECTRONICS-PD55003 Datasheet
309Kb / 19P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
21-Mar-2003
PD55003L STMICROELECTRONICS-PD55003L Datasheet
134Kb / 13P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
17-Jun-2003
PD55015-PD55015S STMICROELECTRONICS-PD55015-PD55015S Datasheet
120Kb / 10P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
May-2000
PD55025 STMICROELECTRONICS-PD55025 Datasheet
289Kb / 13P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
21-Mar-2003
PD55035 STMICROELECTRONICS-PD55035 Datasheet
181Kb / 14P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
21-Mar-2003
PD57002 STMICROELECTRONICS-PD57002 Datasheet
131Kb / 16P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
07-Mar-2003
PD57018 STMICROELECTRONICS-PD57018 Datasheet
47Kb / 4P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
Jun-2000
PD57030 STMICROELECTRONICS-PD57030 Datasheet
47Kb / 4P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
May-2000
PD54003L-E STMICROELECTRONICS-PD54003L-E Datasheet
143Kb / 13P
RF Power Transistors The LdmoST Plastic FAMILY
04-Jan-2006
PD54008L-E STMICROELECTRONICS-PD54008L-E Datasheet
215Kb / 15P
RF power transistors The LdmoST Plastic family
23-Jan-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com