Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M93S66-RDS6 Datasheet(PDF) 23 Page - STMicroelectronics

Part # M93S66-RDS6
Description  4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93S66-RDS6 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M93S66-RDS6 Datasheet HTML 19Page - STMicroelectronics M93S66-RDS6 Datasheet HTML 20Page - STMicroelectronics M93S66-RDS6 Datasheet HTML 21Page - STMicroelectronics M93S66-RDS6 Datasheet HTML 22Page - STMicroelectronics M93S66-RDS6 Datasheet HTML 23Page - STMicroelectronics M93S66-RDS6 Datasheet HTML 24Page - STMicroelectronics M93S66-RDS6 Datasheet HTML 25Page - STMicroelectronics M93S66-RDS6 Datasheet HTML 26Page - STMicroelectronics M93S66-RDS6 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
23/34
M93S66, M93S56, M93S46
Table 17. AC Characteristics (M93Sx6-W, Device Grade 6)
Note: 1. tCHCL + tCLCH ≥ 1 / fC.
2. Chip Select Input (S) must be brought Low for a minimum of tSLSH between consecutive instruction cycles.
3. Current product: identified by Process Identification letter F or M.
4. New product: identified by Process Identification letter W or G.
Test conditions specified in Table 9. and Table 6.
Symbol
Alt.
Parameter
Min.3
Max.3
Min.4
Max.4
Unit
fC
fSK
Clock Frequency
D.C.
1
D.C.
2
MHz
tPRVCH
tPRES
Protect Enable Valid to Clock High
50
50
ns
tWVCH
tPES
Write Enable Valid to Clock High
50
50
ns
tCLPRX
tPREH
Clock Low to Protect Enable Transition
0
0
ns
tSLWX
tPEH
Chip Select Low to Write Enable
Transition
250
250
ns
tSLCH
Chip Select Low to Clock High
250
50
ns
tSHCH
tCSS
Chip Select Set-up Time
100
50
ns
tSLSH
2
tCS
Chip Select Low to Chip Select High
1000
200
ns
tCHCL
1
tSKH
Clock High Time
350
200
ns
tCLCH
1
tSKL
Clock Low Time
250
200
ns
tDVCH
tDIS
Data In Set-up Time
100
50
ns
tCHDX
tDIH
Data In Hold Time
100
50
ns
tCLSH
tSKS
Clock Set-up Time (relative to S)
100
50
ns
tCLSL
tCSH
Chip Select Hold Time
0
0
ns
tSHQV
tSV
Chip Select to Ready/Busy Status
400
200
ns
tSLQZ
tDF
Chip Select Low to Output Hi-Z
200
100
ns
tCHQL
tPD0
Delay to Output Low
400
200
ns
tCHQV
tPD1
Delay to Output Valid
400
200
ns
tW
tWP
Erase/Write Cycle time
10
5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com