Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M93S66-RDS6 Datasheet(PDF) 18 Page - STMicroelectronics

Part # M93S66-RDS6
Description  4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93S66-RDS6 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M93S66-RDS6 Datasheet HTML 14Page - STMicroelectronics M93S66-RDS6 Datasheet HTML 15Page - STMicroelectronics M93S66-RDS6 Datasheet HTML 16Page - STMicroelectronics M93S66-RDS6 Datasheet HTML 17Page - STMicroelectronics M93S66-RDS6 Datasheet HTML 18Page - STMicroelectronics M93S66-RDS6 Datasheet HTML 19Page - STMicroelectronics M93S66-RDS6 Datasheet HTML 20Page - STMicroelectronics M93S66-RDS6 Datasheet HTML 21Page - STMicroelectronics M93S66-RDS6 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
M93S66, M93S56, M93S46
18/34
Figure 9. AC Testing Input Output Waveforms
Table 10. Capacitance
Note: Sampled only, not 100% tested, at TA=25°C and a frequency of 1 MHz.
Symbol
Parameter
Test Condition
Min
Max
Unit
COUT
Output
Capacitance
VOUT = 0V
5pF
CIN
Input
Capacitance
VIN = 0V
5pF
AI02791
2.4V
0.4V
2.0V
0.8V
2V
1V
INPUT
OUTPUT
0.8VCC
0.2VCC
0.7VCC
0.3VCC
M93SXX-W & M93SXX-R
M93SXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com