Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT01 Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # CS1W-RPT01
Description  CJ2 FAMILY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT01 Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button CS1W-RPT01 Datasheet HTML 12Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 13Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 14Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 15Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 16Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 17Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 18Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 19Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 20Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
16
CJ2-Series CPU units
Modular PLC
Fast and powerful CPUs for any task
The comprehensive lineup of new CJ2 processors offer outstanding new features
while evolving from the CJ1 series and its proven track record. The wide range of high
performance CPU's allow scaleability and flexibility for any automation challenge. The
new CJ2 CPU units offer increased capacity plus built-in USB and ethernet ports, yet
are fully compatible with the extensive range of CJ1 I/O units. CJ2M CPU units can
be equipped with pulse I/O option modules to perform position control for up to 4 ax-
es, using dedicated instructions.
Improvements such as structures and arrays, tag based programming, and increased
memory capacity ensure fast development and less cost for the user. The new CJ2M
features communication plug-in modules, more function block memory, and new
high speed I/O units while the CJ2H CPU's increased program memory area, synchro-
nous unit operation, and fast processors ensure your machine will perform at a level
higher than the competition.
Ordering information
Accessories
Software
Max. digital
I/O points
Program
capacity
Data memory
capacity
Logic execution
speed
Max. I/O units Width
5 V current
consumption
Communications
Order code
2,560
400 K
832 K
16 ns
40
80 mm
820 mA
USB + EtherNet/IP + RS-232C
CJ2H-CPU68-EIP
2,560
250 K
512 K
16 ns
40
80 mm
820 mA
USB + EtherNet/IP + RS-232C
CJ2H-CPU67-EIP
2,560
150 K
352 K
16 ns
40
80 mm
820 mA
USB + EtherNet/IP + RS-232C
CJ2H-CPU66-EIP
2,560
100 K
160 K
16 ns
40
80 mm
820 mA
USB + EtherNet/IP + RS-232C
CJ2H-CPU65-EIP
2,560
50 K
160 K
16 ns
40
80 mm
820 mA
USB + EtherNet/IP + RS-232C
CJ2H-CPU64-EIP
2,560
60 K
160 K
40 ns
40
62 mm
700 mA
USB + EtherNet/IP, serial comm. option slot
CJ2M-CPU35
2,560
30 K
160 K
40 ns
40
62 mm
700 mA
USB + EtherNet/IP, serial comm. option slot
CJ2M-CPU34
2,560
20 K
64 K
40 ns
40
62 mm
700 mA
USB + EtherNet/IP, serial comm. option slot
CJ2M-CPU33
2,560
10 K
64 K
40 ns
40
62 mm
700 mA
USB + EtherNet/IP, serial comm. option slot
CJ2M-CPU32
2,560
5K
64 K
40 ns
40
62 mm
700 mA
USB + EtherNet/IP, serial comm. option slot
CJ2M-CPU31
2,560
400 K
832 K
16 ns
40
49 mm
420 mA
USB + RS-232C
CJ2H-CPU68
2,560
250 K
512 K
16 ns
40
49 mm
420 mA
USB + RS-232C
CJ2H-CPU67
2,560
150 K
352 K
16 ns
40
49 mm
420 mA
USB + RS-232C
CJ2H-CPU66
2,560
100 K
160 K
16 ns
40
49 mm
420 mA
USB + RS-232C
CJ2H-CPU65
2,560
50 K
160 K
16 ns
40
49 mm
420 mA
USB + RS-232C
CJ2H-CPU64
2,560
60 K
160 K
40 ns
40
31 mm
500 mA
USB + RS-232C
CJ2M-CPU15
2,560
30 K
160 K
40 ns
40
31 mm
500 mA
USB + RS-232C
CJ2M-CPU14
2,560
20 K
64 K
40 ns
40
31 mm
500 mA
USB + RS-232C
CJ2M-CPU13
2,560
10 K
64 K
40 ns
40
31 mm
500 mA
USB + RS-232C
CJ2M-CPU12
2,560
5K
64 K
40 ns
40
31 mm
500 mA
USB + RS-232C
CJ2M-CPU11
Description
Remarks
Order code
Pulse I/O option module for CJ2M CPU
Units, 2 encoder inputs, 2 pulse
outputs
NPN (sinking) outputs
CJ2M-MD211
PNP (sourcing) outputs
CJ2M-MD212
Memory Cards
Flash Memory, 128 MB
HMC-EF183
Flash Memory, 256 MB
HMC-EF283
Flash Memory, 512 MB
HMC-EF583
Memory Card Adapter (for
computer PCMCIA slot)
HMC-AP001
RS-232C Option Board*1
*1
Only used with CJ2M-CPU3_
CP1W-CIF01
RS-422A/485 Option board*1
CP1W-CIF11
RS422A/485 (isolated) Option board*1 –
CP1W-CIF12
Battery Set*2
*2
Included with the CPU unit
CJ1W-BAT01
USB Programming cable
CP1W-CN221
Cx-One FULL
Media
Order code
Single user licence
Licence only
CXONE-AL01-EV_
Three user licence
Licence only
CXONE-AL03-EV_
Ten user licence
Licence only
CXONE-AL10-EV_
Thirty user licence
Licence only
CXONE-AL30-EV.
Fifty user licence
Licence only
CXONE-AL50-EV_
Site licence
Licence only
CXONE-ALOXX-EV_
Software on CDs
CD
CXONE-CD-EV_
Software on a DVD
DVD
CXONE-DVD-EV_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com