Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT01 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # CS1W-RPT01
Description  CJ2 FAMILY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT01 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button CS1W-RPT01 Datasheet HTML 6Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 7Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 8Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 9Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 10Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 11Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 12Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 13Page - Omron Electronics LLC CS1W-RPT01 Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10
CJ2
Modular PLC
Specifications
General specifications
Performance specifications
Item
CJ2H-
CJ2M-
CPU64(-EIP)
CPU65(-EIP)
CPU66(-EIP)
CPU67(-EIP)
CPU68(-EIP)
CPU1_
CPU3_
Enclosure
Mounted in a panel
Grounding
Less than 100
CPU Rack Dimensions in mm (H×D×W)
CJ2H-CPU6_-EIP: 90×65×80
CJ2H-CPU6_: 90×65×49
90×75×31
90×75×62
Weight
CJ2H-CPU6_-EIP: 280 g or less
CJ2H-CPU6_: 190 g or less
130 g or less
190 g or less*1
*1
Without a Serial Option Board
Current Consumption
CJ2H-CPU6_-EIP: 5 VDC, 0.82 A
CJ2H-CPU6_: 5 VDC, 0.42 A
5VDC, 0.5A
5VDC, 0.7 A
Use
Environment
Ambient Operating Temperature 0 to 55°C
Ambient Operating Humidity
10% to 90%
Atmosphere
Must be free from corrosive gases.
Ambient Storage Temperature
-20 to 70°C (excluding battery)
Altitude
2,000 m or less
Pollution Degree
2 or less: Conforms to JIS B3502 and IEC 61131-2.
Noise Immunity
2 kV on power supply line (Conforms to IEC 61000-4-4.)
Overvoltage Category
Category II: Conforms to JIS B3502 and IEC 61131-2.
EMC Immunity Level
Zone B
Vibration Resistance
Conforms to IEC60068-2-6.
5 to 8.4 Hz with 3.5 mm amplitude, 8.4 to 150 Hz
Acceleration of 9.8 m/s² for 100 min in X, Y, and Z directions (10 sweeps of 10 min each = 100 min total)
Shock Resistance
Conforms to IEC60068-2-27. 147 m/s², 3 times in X, Y, and Z directions (100 m/s² for Relay Output Units)
Battery
Life
5 years at 25°C
Model
CJ1W-BAT01
Applicable Standards
Conforms to cULus, EC, NK, and LR Directives.
Conforms to cULus and EC Directives.
Items
CJ2H-
CJ2M-
CPU64(-EIP) CPU65(-EIP) CPU66(-EIP) CPU67(-EIP) CPU68(-EIP) CPU11/31
CPU12/32
CPU13/33
CPU14/34
CPU15/35
User memory
50K steps
100K steps
150K steps
250K steps
400K steps
5K steps
10K steps
20K steps
30K steps
60K steps
I/O bits
2,560 bits
Processing
speed
Overhead processing time
Normal mode:
CJ2H-CPU__-EIP:200 μs*1
CJ2H-CPU__:
100 μs
Normal mode:
CJ2M-CPU3_:
270 μs*1
CJ2M-CPU1_:
160 μs
Execution time
Basic instructions:
0.016 μs min.;
Special instructions:
0.048 μs min.
Basic instructions:
0.04 μs min.;
Special instructions:
0.06 μs min.
Interrupts
I/O interrupts and
external interrupts
Interrupt task startup time: 26 μs or 17 μs*2 (30 μs for unit version 1.0)
Return times to cyclic tasks: 11 μs or 8 μs*2 (15 μs for unit version 1.0)
Interrupt task startup time: 31 μs
Return times to cyclic tasks: 10 μs
Scheduled interrupts
Minimum time interval: 0.2 ms or 0.1 ms*2 (set in 0.1 ms increments) Minimum time interval: 0.4 ms (set in 0.1 ms increments)
Interrupt task startup time: 22 μs or 13 μs*2 (27 ìs for unit version 1.0)
Return time to cyclic task: 11 μs or 8 μs*2 (15 ìs for unit version 1.0)
Interrupt task startup time: 30 μs
Return time to cyclic task: 11 μs
Maximum number of connectable units
Total per CPU Rack or Expansion Rack: 10 Units max.;
Total per PLC: 40 Units max.
Basic I/O units
No limit
However, a maximum of two CJ1W-INT01 Interrupt Input Units can be mounted.
Special I/O units
Units for up to 96 unit numbers can be mounted. (Unit numbers run from 0 to 95. Units are allocated between 1 and 8 unit numbers.)
CPU bus units
CJ2H-CPU6_-EIP: 15 Units max.
CJ2H-CPU6_: 16 Units max.
CJ2M-CPU3_: 15 Units max.
CJ2M-CPU1_: 16 Units max.
Slots for which interrupts can be
used
CJ2H-CPU6_-EIP: Slots 0 to 3 on CPU Rack
CJ2H-CPU6_: Slots 0 to 4 on CPU Rack
Slots 0 to 4 on CPU Rack
Maximum number of expansion racks
3 max.
CIO srea
I/O area
2,560 bits (160 words): Words CIO 0000 to CIO 0159
Link area
3,200 bits (200 words): Words CIO 1000 to CIO 1199
Synchronous data refresh area
1,536 bits (96 words): Words CIO 1200 to CIO 1295
CPU bus unit area
6,400 bits (400 words): Words CIO 1500 to CIO 1899
Special I/O unit area
15,360 bits (960 words): Words CIO 2000 to CIO 2959
Serial PLC link words
1,440 bits (90 words): Words CIO 3100 to CIO 3189
DeviceNet area
9,600 bits (600 words): Words CIO 3200 to CIO 3799
Internal I/O area
3,200 bits (200 words): Words CIO 1300 to CIO 1499
37,504 bits (2,344 words): Words CIO 3800 to CIO 6143
Cannot be used for external I/O.
Work area
8,192 bits (512 words): Words W000 to W511
Cannot be used for external I/O.
Holding area
8,192 bits (512 words): Words H000 to H511
Bits in this area maintain their ON/OFF status when PLC is turned OFF or operating mode is changed.
Words H512 to H1535: These words can be used only for function blocks. They can be used only for function block
instances (i.e., they are allocated only for internal variables in function blocks).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com