Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS8331 Datasheet(PDF) 4 Page - Gainsil Semiconductor Technology Co., Ltd

Part # GS8331
Description  350KHZ Zero-Drift CMOS Rail-to-Rail IO Opamp with RF Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAINSIL [Gainsil Semiconductor Technology Co., Ltd]
Direct Link  http://en.gainsil.com/index.php
Logo GAINSIL - Gainsil Semiconductor Technology Co., Ltd

GS8331 Datasheet(HTML) 4 Page - Gainsil Semiconductor Technology Co., Ltd

  GS8331 Datasheet HTML 1Page - Gainsil Semiconductor Technology Co., Ltd GS8331 Datasheet HTML 2Page - Gainsil Semiconductor Technology Co., Ltd GS8331 Datasheet HTML 3Page - Gainsil Semiconductor Technology Co., Ltd GS8331 Datasheet HTML 4Page - Gainsil Semiconductor Technology Co., Ltd GS8331 Datasheet HTML 5Page - Gainsil Semiconductor Technology Co., Ltd GS8331 Datasheet HTML 6Page - Gainsil Semiconductor Technology Co., Ltd GS8331 Datasheet HTML 7Page - Gainsil Semiconductor Technology Co., Ltd GS8331 Datasheet HTML 8Page - Gainsil Semiconductor Technology Co., Ltd GS8331 Datasheet HTML 9Page - Gainsil Semiconductor Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
GS8331/8332/8334
V1
4/16
Typical Performance characteristics
(TA=+25°C, Vs=5V, RL=10 kΩ connected to VS/2 and VOUT= VS/2, unless otherwise noted.)
Large Signal Transient Response
Large Signal Transient Response
Time(40
µs/div)
Time(4
µs/div)
Positive Overvoltage Recovery
Negative Overvoltage Recovery
Time (50
µs/div)
Time (50
µs/div)
Open Loop Gain, Phase Shift vs. Frequency
Supply Current vs. Temperature
Frequency (Hz)
Temperature (℃)
Phase Shift
CL=0pF
G=+1
CL=0pF
G=+1
VSY=±2.5V
VIN=-200mVp-p
(RET to GND)
CL=0pF
RL=10k
Ω
AV=-10
VSY=±2.5V
VIN=-200mVp-p
(RET
to
GND)
CL=0pF
RL=10k
Ω
AV=-10
Open Loop Gain
VS=5.5V
Vs=1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com