Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS8331 Datasheet(PDF) 3 Page - Gainsil Semiconductor Technology Co., Ltd

Part # GS8331
Description  350KHZ Zero-Drift CMOS Rail-to-Rail IO Opamp with RF Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAINSIL [Gainsil Semiconductor Technology Co., Ltd]
Direct Link  http://en.gainsil.com/index.php
Logo GAINSIL - Gainsil Semiconductor Technology Co., Ltd

GS8331 Datasheet(HTML) 3 Page - Gainsil Semiconductor Technology Co., Ltd

  GS8331 Datasheet HTML 1Page - Gainsil Semiconductor Technology Co., Ltd GS8331 Datasheet HTML 2Page - Gainsil Semiconductor Technology Co., Ltd GS8331 Datasheet HTML 3Page - Gainsil Semiconductor Technology Co., Ltd GS8331 Datasheet HTML 4Page - Gainsil Semiconductor Technology Co., Ltd GS8331 Datasheet HTML 5Page - Gainsil Semiconductor Technology Co., Ltd GS8331 Datasheet HTML 6Page - Gainsil Semiconductor Technology Co., Ltd GS8331 Datasheet HTML 7Page - Gainsil Semiconductor Technology Co., Ltd GS8331 Datasheet HTML 8Page - Gainsil Semiconductor Technology Co., Ltd GS8331 Datasheet HTML 9Page - Gainsil Semiconductor Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
GS8331/8332/8334
V1
3/16
Electrical Characteristics
(At Vs=5V, TA = +25℃, VCM = VS/2, RL = 10K
Ω, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT CHARACTERISTICS
Input Offset Voltage (VOS)
2
10
μV
Input Bias Current (IB)
20
pA
Input Offset Current (IOS)
10
pA
Common-Mode
Rejection
Ratio
(CMRR)
VCM = 0V to 5V
110
dB
Large Signal Voltage Gain ( AVO)
RL = 10kΩ, VO = 0.3V to 4.7V
145
dB
Input Offset Voltage Drift (
ΔVOS/ΔT)
50
nV/℃
OUTPUT CHARACTERISTICS
Output Voltage High (VOH)
RL = 100kΩ to - VS
4.998
V
RL = 10kΩ to - VS
4.994
V
Output Voltage Low (VOL)
RL = 100kΩ to + VS
5
mV
RL = 10kΩ to + VS
20
mV
Short Circuit Limit (ISC)
RL =10Ω to - VS
20
mA
Output Current (IO)
30
mA
POWER SUPPLY
Power Supply Rejection Ratio (PSRR)
VS = 2.5V to 5.5V
115
dB
Quiescent Current (IQ)
VO = 0V, RL = 0Ω
25
μA
DYNAMIC PERFORMANCE
Gain-Bandwidth Product (GBP)
G = +100
350
KHz
Slew Rate (SR)
RL = 10kΩ
0.2
V/
μs
NOISE PERFORMANCE
Voltage Noise (en p-p)
0Hz to 10Hz
1.1
μVP-P
Voltage Noise Density (en)
f = 1kHz
70
Hz
nV /



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com