Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7058 Datasheet(PDF) 39 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 39 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 35Page - ams-OSRAM AG AS7058 Datasheet HTML 36Page - ams-OSRAM AG AS7058 Datasheet HTML 37Page - ams-OSRAM AG AS7058 Datasheet HTML 38Page - ams-OSRAM AG AS7058 Datasheet HTML 39Page - ams-OSRAM AG AS7058 Datasheet HTML 40Page - ams-OSRAM AG AS7058 Datasheet HTML 41Page - ams-OSRAM AG AS7058 Datasheet HTML 42Page - ams-OSRAM AG AS7058 Datasheet HTML 43Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 199 page
background image
AS7058
Functional description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
39 / 199
/
Figure 33: Tripple measurement mode – simplified timing diagram
7.5.2.3
Advanced automatic offset compensation (AAOC)
The built in AAOC is an advanced ambient light compensation solution which does not require
an external host to adjust the DAC offset current. In conventional approach with Double
Measurement and Tripple Measurement the DAC offset current registers need to be controlled
and adjusted by a host MCU via I²C or SPI interface. This approach might require several
measurement iterations until an appropriate offset value is found. The AAOC function
eliminates the need of MCU interaction to find the correct photodiode offset current. It is based
on a successive approximation approach to determine the upper 4 bits of the photodiode offset
register. In order to achieve this and adjust the 4 bits accordingly. AS7058 does four short
measurements prior to the actual PPG measurement like it is shown in Figure 34. During each
pre-measurement cycle the LED is also switched on and the ADC data read is feed into the
SAR algorithm which adjusts the photodiode current.
Photodiode Selection
Photodiode Offset Current
LED On
ADC Modulator
ADC Reset
SINC Downsampler
Sample Data LED Off
Sample Data LED OFF
Sample Data LED On
Sample Data LED On
Sample Data LED Off
Sample Data LED OFF
Result Sample Difference
DATA LED OFF/2 + DATA LED
ON – DATA LED OFF/2
PPG
Sequencer
PPG
Sample
PPG
Sample
PPG
Sample
PPG Sample Period
PPG Sample Period
t
Subsample
1
Subsample
2
Subsample
3
Subsample
4
Subsample
5
Subsample
6
Subsample
7
Subsample
8
PPG Sub-Samples
Tripple PPG Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com