Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7058 Datasheet (PDF) - ams-OSRAM AG

AS7058 Datasheet PDF - ams-OSRAM AG
Part # AS7058
Download  AS7058 Download
File Size   4543.12 Kbytes
Page   199 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description IC for PPG, ECG and body impedance measurement

AS7058 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS7058 Datasheet PDF - ams-OSRAM AG

Part # AS7058
Download  AS7058 Click to download

File Size   4543.12 Kbytes
Page   199 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description IC for PPG, ECG and body impedance measurement

AS7058 Datasheet (HTML) - ams-OSRAM AG


AS7058 Product details

General description
The AS7058 is an integrated multi-vital sign monitoring device, which provides a complete photoplethysmogram (PPG), electrocardiogram (ECG), body impedance (BioZ), and electrodermal activity (EDA). PPG measures the pulse rate or blood oxygen by sampling light modulated by the blood vessels, which expand and contract as blood pulses through them. ECG is the reference for any measurement of the biopotential generated by the heart. With EDA, it is possible to measure the skin’s water content, and with BioZ, the body composition with an electrical system.
The PPG acquisition system provides up to eight LEDs and eight photodiode inputs. The LEDs are powered by two high current 8-bit programmable LED drivers with four current ranges. Additionally, a special laser safety support system can be enabled, which offers the possibility to use VCSEL die as a light source. The photodiodes can be read out synchronously with two 20-bit ADCs. As the second product in the AS705x family, the AS7058 includes a new method of ambient light suppression method called advanced automatic offset control (AAOC). This method enables the system to adjust towards the ambient light situation before the actual measurement starts and minimizes the loss of data due to the saturation influence by ambient light.
The ECG channel has high-input impedance, low noise, high CMRR, programmable gain, an anti-aliasing low-pass filter, and a high-resolution 20-bit ADC. It is designed according to IEC 60601-2-47 Ambulatory ECG Systems monitoring compliance requirements.
The BioZ channel has a low-pass filter and a calibration routine available. The channel also has high input impedance, low noise, programmable gain, low-pass and high-pass filter options, and shares the high-resolution ADC with the ECG system. Several ranges of excitation current and frequencies are also available.
The AS7058 has a DC and AC lead-off detection for the ECG, a flexible clock system, and a PLL. All three inbuilt ADCs are synchronized. The device is available in a 42-ball wafer-level chip scale package (WLCSP) with dimensions 2.82 mm x 2.55 mm and operates over the temperature range -40 °C to 85 °C.
Applications
Wearable vital sign monitors
Fitness band
Smart watch
Heart rate monitor
Hearables
ECG monitoring
Medical patches
Pulse-oximetry devices
Single- and multi-frequency body impedance devices
Pulse Arrival Time (PAT), Pulse Transit Time (PTT), Pulse Wave Velocity (PWV) Assessments




Similar Part No. - AS7058

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
AS7058 OSRAM-AS7058 Datasheet
436Kb / 14P
AS7058 IC for PPG, ECG and body impedance measurement
v1-01 2023-Oct-26
More results


Similar Description - AS7058

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS25102 ETC1-PS25102 Datasheet
309Kb / 5P
EPIC ULTRA HIGH IMPEDANCE ECG SENSOR ADVANCE INGORMATION
PS25204 ETC1-PS25204 Datasheet
588Kb / 6P
EPIC ULTRA HIGH IMPEDANCE ECG SENSOR ADVANCE INFORMATION
PS25251 ETC1-PS25251 Datasheet
368Kb / 6P
EPIC ULTRA HIGH IMPEDANCE ECG SENSOR ADVANCE INFORMATION
PS25101 ETC2-PS25101 Datasheet
304Kb / 5P
EPIC Ultra High Impedance ECG Sensor
PS25102 ETC2-PS25102 Datasheet
309Kb / 5P
EPIC Ultra High Impedance ECG Sensor
PS25202 ETC2-PS25202 Datasheet
587Kb / 6P
EPIC Ultra High Impedance ECG Sensor Advance Information
PS25204 ETC2-PS25204 Datasheet
588Kb / 6P
EPIC Ultra High Impedance ECG Sensor
PS25251 ETC2-PS25251 Datasheet
368Kb / 6P
EPIC Ultra High Impedance ECG Sensor
logo
Silergy Corp.
78M6618 SILERGY-78M6618 Datasheet
593Kb / 32P
Octal Power and Energy Measurement IC
logo
Richtek Technology Corp...
RT1025 RICHTEK-RT1025 Datasheet
621Kb / 24P
Low-Power, Integrated ECG/PPG AFE for Heart-Rate Monitoring and Measurements
July 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com