Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD34 Datasheet(PDF) 2 Page - LightGraphix

Part # LD34
Description  LED LINEAR WALL GRAZER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD34 Datasheet(HTML) 2 Page - LightGraphix

  LD34 Datasheet HTML 1Page - LightGraphix LD34 Datasheet HTML 2Page - LightGraphix LD34 Datasheet HTML 3Page - LightGraphix LD34 Datasheet HTML 4Page - LightGraphix LD34 Datasheet HTML 5Page - LightGraphix LD34 Datasheet HTML 6Page - LightGraphix LD34 Datasheet HTML 7Page - LightGraphix LD34 Datasheet HTML 8Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LD34
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 2 of 8 | Data sheet issued: 10 April 2026
WHITE LED ENGINE SPECIFICATION
Engine
Linear C1
Beam angles
12°, 31°, 48°, 12° x 36°, 15° x 60°
LED manufacturer
NICHIA
Colour temperature
2200K / 2700K / 3000K / 4000K / 5000K
Current
350mA [1.0W]
500mA [1.5W]
700mA
Typical LED Circuit wattage
1.1W
1.5W
(1.6W)
2.1W
(2.3W)
Forward voltage (V100)
3V
3.2V
3.4V
Delivered lumens (L100)* per metre
50mm spacing
1710
2420
3263
75mm spacing
1137
1609
2170
Delivered lm/Circuit W
78
75
70
LED lumens (per LED)
133
187
206
Source lm/W
136
129
98
CRI (Typ)
93
Colour consistency
2SCDM
Peak intensity
18,058 cd
LOR
0.79
TM30
RF85 | RG98
UGR rating
UGR unavailable for asymmetric light distribution
BUG rating (‘downlight’ mounted)
B0- U4- G0
B0- U4- G0
B0- U4- G0
LED lifetime
L90B5 at 90,000hrs
Applications
This data is based on an LD34-C1-700-LW30-NB
*Lumen output data applies to all colour temperatures
**indicates the nominal power for the LED run at that particular current and includes losses associated with using an 85% efficient driver
TM65
Available on request
TM66
2.1
ENVIRONMENTAL
350mA
500mA
700mA
Ambient temperature
55°C
-20°C to 55°C
-20°C to 50°C
-20°C to 45°C
Glass
Low iron glass, 8mm thick
Materials
Silver anodised aluminium body & end caps, polycarbonate cover and cowls
Weight of product
3.4kg per/m
Static load
1500kg
IP rating
IP67
IK rating
IK08
Wiring
In-series constant current wiring. Pre-wired cable at a length of 2m which can be specified up to 10m at extra cost
MECHANICAL



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com