Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD34 Datasheet (PDF) - LightGraphix

LD34 Datasheet PDF - LightGraphix
Part # LD34
Download  LD34 Download
File Size   5457.09 Kbytes
Page   8 Pages
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix
Description LED LINEAR WALL GRAZER

LD34 Datasheet (PDF)

Go To PDF Page Download Datasheet
LD34 Datasheet PDF - LightGraphix

Part # LD34
Download  LD34 Click to download

File Size   5457.09 Kbytes
Page   8 Pages
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix
Description LED LINEAR WALL GRAZER

LD34 Datasheet (HTML) - LightGraphix


LD34 Product details

KEY FEATURES
Linear C1 engine featuring NICHIA LED delivering up to 3263lm
Lengths to a maximum of 1350mm with LED spacings of 50mm and 75mm
Toughened glass top to ensure longevity and resilience against external impact. IK08
A modular approach keeps spacing maintained across multiple lengths,
ensuring no dark spots
Compact design with only a 55mm recess depth required
Aluminium extrusion, anodised to a thickness of 25 microns
LED fixed at a 2.5° tilt with a choice of beam angles and superb wall grazing
capabilities using the 15° x 60° beam
Range of glare control options including individual LED cowls to ensure low glare
from all directions
Optional frosted diffusion filter to illuminate lower parts of the wall
First fix concrete housing or spring clip fixing options available
Switched, 0-10V, Casambi, DMX, DALI and Mains dimmable drivers available




Similar Part No. - LD34

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD34058AD LIGHTKEY-LD34058AD Datasheet
140Kb / 3P
LM34058A/B Series . 3.40 inch 5x8 Dot Matrix LED Display
LD34058AG LIGHTKEY-LD34058AG Datasheet
140Kb / 3P
LM34058A/B Series . 3.40 inch 5x8 Dot Matrix LED Display
LD34058AO LIGHTKEY-LD34058AO Datasheet
140Kb / 3P
LM34058A/B Series . 3.40 inch 5x8 Dot Matrix LED Display
LD34058APG LIGHTKEY-LD34058APG Datasheet
140Kb / 3P
LM34058A/B Series . 3.40 inch 5x8 Dot Matrix LED Display
LD34058AR LIGHTKEY-LD34058AR Datasheet
140Kb / 3P
LM34058A/B Series . 3.40 inch 5x8 Dot Matrix LED Display
More results


Similar Description - LD34

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
SSA-370 BOT-SSA-370 Datasheet
35Kb / 2P
3mm LED Linear Array
SSA-009 BOT-SSA-009 Datasheet
36Kb / 2P
3mm LED Linear Array
logo
P-tec Corporation
HWW-X030T-10015Z-H1 P-TEC-HWW-X030T-10015Z-H1 Datasheet
296Kb / 4P
X30T RGB LED Wall Washers
HWW-X036T-038070-H1 P-TEC-HWW-X036T-038070-H1 Datasheet
510Kb / 6P
X36T RGB LED Wall Washers
HWW-X036T-038070-H2 P-TEC-HWW-X036T-038070-H2 Datasheet
227Kb / 5P
X36T RGB LED Wall Washers
HWW-X072T-065070-H1 P-TEC-HWW-X072T-065070-H1 Datasheet
443Kb / 5P
X72T RGB LED WALL WASHERS
HWW-X072T-065070-H2 P-TEC-HWW-X072T-065070-H2 Datasheet
231Kb / 5P
X72T RGB LED WALL WASHERS
logo
E-CMOS Corporation
EC4216 E-CMOS-EC4216 Datasheet
372Kb / 5P
Linear LED Driver
logo
Mean Well Enterprises C...
SLD-50 MEANWELL-SLD-50 Datasheet
526Kb / 6P
50W linear LED Driver
SLD-80 MEANWELL-SLD-80 Datasheet
525Kb / 6P
80W Linear LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com