Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC4351 Datasheet(PDF) 7 Page - STMicroelectronics

Part # HC4351
Description  ANALOGMULTIPLEXER/DEMULTIPLEXER WITHADDRESS LATCH: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HC4351 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button HC4351 Datasheet HTML 3Page - STMicroelectronics HC4351 Datasheet HTML 4Page - STMicroelectronics HC4351 Datasheet HTML 5Page - STMicroelectronics HC4351 Datasheet HTML 6Page - STMicroelectronics HC4351 Datasheet HTML 7Page - STMicroelectronics HC4351 Datasheet HTML 8Page - STMicroelectronics HC4351 Datasheet HTML 9Page - STMicroelectronics HC4351 Datasheet HTML 10Page - STMicroelectronics HC4351 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AC ELECTRICAL CHARACTERISTICS for HC4352 (CL =50 pF, Input tr =tf =6 ns, GND=0V)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
VEE
(V)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
ΦI/O
Phase Difference
Between Input
and Output
2.0
GND
25
60
75
ns
4.5
GND
6
12
15
6.0
GND
5
10
13
4.5
-4.5
4
tPZL
tPZH
Output Enable
Time
(E1, E2 - O)
2.0
GND RL =1K
Ω
80
200
250
300
ns
4.5
GND
20
40
50
60
6.0
GND
16
34
43
51
4.5
-4.5
18
tPZL
tPZH
Output Enable
Time
(LE - I/O)
2.0
GND RL =1K
Ω
80
225
280
340
ns
4.5
GND
22
45
56
68
6.0
GND
17
38
48
57
4.5
-4.5
18
tPZL
tPZH
Output Enable
Time
(A, B, C - I/O)
2.0
GND RL =1K
Ω
80
225
280
340
ns
4.5
GND
22
45
56
68
6.0
GND
16
38
48
57
4.5
-4.5
17
tPLZ
tPHZ
Output Disable
Time
(E1, E2 - O)
2.0
GND RL =1K
Ω
120
275
344
415
ns
4.5
GND
38
55
69
83
6.0
GND
33
47
59
71
4.5
-4.5
36
tPLZ
tPHZ
Output Disable
Time
(LE - I/O)
2.0
GND RL =1K
Ω
160
275
344
415
ns
4.5
GND
40
55
69
83
6.0
GND
34
47
59
71
4.5
-4.5
32
tPLZ
tPHZ
Output Disable
Time
(A, B, C - I/O)
2.0
GND RL =1K
Ω
120
275
344
415
ns
4.5
GND
40
55
69
83
6.0
GND
35
47
59
71
4.5
-4.5
31
tW(H)
Minimum Pulse
Width (LE)
2.0
75
95
110
ns
4.5
15
19
22
6.0
13
16
19
ts
Minimum Set Up
Time
2.0
50
60
75
ns
4.5
10
12
15
6.0
9
11
13
th
Minimum Hold
Time
2.0
5
5
5
ns
4.5
5
5
5
6.0
5
5
5
CIN
Input Capacitance
5
10
10
10
pF
CIS
Common Terminal
Capacitance
5.0
-5.0
19
40
40
40
pF
COS
Switch Terminal
Capacitance
5.0
-5.0
7
151515
pF
CIOS
Feed Through
Capacitance
5.0
-5.0
0.85
2
2
2
pF
CPD (*)
Power Dissipation
Capacitance
5.0
GND
34
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC
M54/M74HC4351/4352/4353
7/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com