Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC4351 Datasheet (PDF) - STMicroelectronics

HC4351 Datasheet PDF - STMicroelectronics
Part # HC4351
Download  HC4351 Download
File Size   302.72 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ANALOGMULTIPLEXER/DEMULTIPLEXER WITHADDRESS LATCH: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL

HC4351 Datasheet (PDF)

Go To PDF Page Download Datasheet
HC4351 Datasheet PDF - STMicroelectronics

Part # HC4351
Download  HC4351 Click to download

File Size   302.72 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ANALOGMULTIPLEXER/DEMULTIPLEXER WITHADDRESS LATCH: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL

HC4351 Datasheet (HTML) - STMicroelectronics


HC4351 Product details

DESCRIPTION
These devices are analog multiplexer demultiplexers in high speed silicon gate C2MOS technology. These analog switches are bidirectional and digitally controlled. A built-in level shifting is included to allow them a control input range of up to ± 6V (peak) for an analog signal with digital control signal of 0 to 6V.

■ LOGIC LEVEL TRANSLATION TO ENABLE 5V LOGIC SIGNAL TO COMMUNICATE WITH ±5V ANALOG SIGNAL
■ WIDE OPERATING VOLTAGE RANGE (VCC - VEE) 2V TO 12V
■ LOW ”ON” RESISTANCE:
    70Ω TYP. (VCC - VEE = 4.5 V)
    50Ω TYP. (VCC - VEE = 9 V)
■ WIDE ANALOG INPUT VOLTAGE RANGE: ±6V
■ FAST SWITCHING
■ LOW CROSSTALK BETWEEN SWITCHES
■ HIGH ON/OFF OUTPUT VOLTAGE RATIO
■ LOW SINE WAVE DISTORTION: 0.02% (TYP.) AT VCC - VEE = 9 V
■ HIGH NOISE IMMUNITY VNIH = VNIL = 28% VCC (MIN.)
■ LOW POWER DISSIPATION ICC = 4 µA (MAX) AT TA = 25 °C




Similar Part No. - HC4351

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
HC4 ILLINOISCAPACITOR-HC4 Datasheet
1Mb / 6P
High AC Voltage - High current
logo
TEKTRONIX, INC.
HC4 TEKTRONIX-HC4 Datasheet
7Mb / 44P
4 Series MSO Mixed Signal Oscilloscope Datasheet
30 Apr 2020
logo
PANDUIT CORP.
HC4-3 PANDUIT-HC4-3 Datasheet
59Kb / 1P
TWO-WAY CONNECTOR PREMIUM TYPE HC CUSTOMER DRAWING
logo
Intersil Corporation
HC4-55564/883 INTERSIL-HC4-55564/883 Datasheet
127Kb / 5P
Continuously Variable Slope Delta-Modulator (CVSD)
October 1999
logo
Panasonic Semiconductor
HC4-H-AC100V PANASONIC-HC4-H-AC100V Datasheet
388Kb / 18P
Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
More results


Similar Description - HC4351

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4351 PHILIPS-74HC4351 Datasheet
135Kb / 17P
8-channel analog multiplexer/demultiplexer with latch
December 1990
logo
STMicroelectronics
M54HC4051 STMICROELECTRONICS-M54HC4051 Datasheet
301Kb / 15P
ANALOGMULTIPLEXER/DEMULTIPLEXER: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
Oct-1993
logo
Motorola, Inc
MC10130 MOTOROLA-MC10130 Datasheet
830Kb / 2P
DUAL LATCH
logo
ON Semiconductor
MC10H130 ONSEMI-MC10H130 Datasheet
140Kb / 5P
Dual Latch
February, 2006 ??Rev. 8
logo
Silan Microelectronics ...
SA6392 SILAN-SA6392 Datasheet
190Kb / 9P
4CHANNEL BTL DRIVER FOR CD PLAYERS
logo
NXP Semiconductors
74HC4351D-T NXP-74HC4351D-T Datasheet
116Kb / 17P
8-channel analog multiplexer/demultiplexer with latch
December 1990
74HC_HCT4351_CNV PHILIPS-74HC_HCT4351_CNV_15 Datasheet
129Kb / 17P
8-channel analog multiplexer/demultiplexer with latch
December 1990
logo
ON Semiconductor
ESD7554 ONSEMI-ESD7554 Datasheet
230Kb / 7P
4Channel DualVoltage Protection Array
November, 2010 ??Rev. 0
logo
Integrated Device Techn...
HXT5104A IDT-HXT5104A Datasheet
368Kb / 2P
4Channel 14Gbps VCSEL Driver
logo
Nexperia B.V. All right...
74HCT4351 NEXPERIA-74HCT4351 Datasheet
347Kb / 23P
8-channel analog multiplexer/demultiplexer with latch
Rev. 4 - 4 August 2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com