| Electronic Components Datasheet Search |
|
AM261...ZNC Datasheet(PDF) 66 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZNC Datasheet(HTML) 66 Page - Texas Instruments |
|
66 / 218 page ![]() Table 5-32. GPMC0 Signal Descriptions (continued) Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] GPMC0_A13 O GPMC Address 13 Output in A/D non-multiplexed mode and unused in A/D multiplexed mode E2 C1 B2 A2 GPMC0_A14 O GPMC Address 14 Output in A/D non-multiplexed mode and unused in A/D multiplexed mode C1 B2 A2 B4 GPMC0_A15 O GPMC Address 15 Output in A/D non-multiplexed mode and unused in A/D multiplexed mode C12 C14 C12 A14 GPMC0_A16 O GPMC Address 16 Output in A/D non-multiplexed mode and unused in A/D multiplexed mode C10 B12 A10 B12 GPMC0_A17 O GPMC Address 17 Output in A/D non-multiplexed mode and unused in A/D multiplexed mode C15 C19 B17 GPMC0_A18 O GPMC Address 18 Output in A/D non-multiplexed mode and unused in A/D multiplexed mode P2 U2 P3 T1 GPMC0_A19 O GPMC Address 19 Output in A/D non-multiplexed mode and unused in A/D multiplexed mode D15 C18 B16 GPMC0_A20 O GPMC Address 20 Output in A/D non-multiplexed mode and unused in A/D multiplexed mode D17, F3 E19, F1 F4 E2 GPMC0_A21 O GPMC Address 21 Output in A/D non-multiplexed mode and unused in A/D multiplexed mode C18 E20 GPMC0_AD0 IO GPMC Data 0 Input/Output in A/D non-multiplexed mode and additionally Address 1 Output in A/D multiplexed mode V17 W16 R14 V15 GPMC0_AD1 IO GPMC Data 1 Input/Output in A/D non-multiplexed mode and additionally Address 2 Output in A/D multiplexed mode T16 Y16 T14 W15 GPMC0_AD2 IO GPMC Data 2 Input/Output in A/D non-multiplexed mode and additionally Address 3 Output in A/D multiplexed mode P15 W17 T15 W16 GPMC0_AD3 IO GPMC Data 3 Input/Output in A/D non-multiplexed mode and additionally Address 4 Output in A/D multiplexed mode F1 G1 D1 D1 GPMC0_AD4 IO GPMC Data 4 Input/Output in A/D non-multiplexed mode and additionally Address 5 Output in A/D multiplexed mode F4 G2 D2 D2 GPMC0_AD5 IO GPMC Data 5 Input/Output in A/D non-multiplexed mode and additionally Address 6 Output in A/D multiplexed mode G2 E1 D3 C1 GPMC0_AD6 IO GPMC Data 6 Input/Output in A/D non-multiplexed mode and additionally Address 7 Output in A/D multiplexed mode A9 A11 C10 A11 AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 www.ti.com 66 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |