| Electronic Components Datasheet Search |
|
AM261...ZNC Datasheet(PDF) 56 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZNC Datasheet(HTML) 56 Page - Texas Instruments |
|
56 / 218 page ![]() 5.3.2 ADC_CAL Table 5-6. ADC_CAL Signal Descriptions Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] ADC_CAL0 (1) (2) - ADC Calibration Pin 0 U16 V16 R13 U15 (1) This pin is shared between ADC[0:2]. (2) This pin is tied to Analog input channel ADCIN[7] for each ADC[0:2]. 5.3.3 ADC VREF Table 5-7. ADC_VREF Signal Descriptions Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] ADC_VREFHI0 - ADC Reference (Positive) V11 ADC_VREFHI1 (2) - ADC Reference (Positive) V14 Y12 T10 V11 ADC_VREFHI2 - ADC Reference (Positive) V10 Y8 T7 V10 ADC_VREFLO0 (1) - ADC Reference (Negative) W11 ADC_VREFLO1 (3) - ADC Reference (Negative) V13 Y13 T11 W11 ADC_VREFLO2 (1) - ADC Reference (Negative) V11 Y9 T8 W10 (1) This pin can be connected (shorted) to analog ground (VSSA). (2) This pin can be connected (shorted) to ADC_VREFHI0. (3) This pin can be connected (shorted) to ADC_VREFLO0. 5.3.4 CPSW Table 5-8. CPSW0 RGMII1 Signal Descriptions Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] RGMII1_RXC I RGMII Receive Clock E16, R17 F19, W20 E13, P16 D19, V19 RGMII1_RX_CTL I RGMII Receive Control F16, R18 G19, V19 D15, M14 E19, U17 RGMII1_TXC O RGMII Transmit Clock C16, N18 B20, U20 L15 B18, R18 RGMII1_TX_CTL O RGMII Transmit Control A17, M18 E18, T20 M16 A18, T19 RGMII1_RD0 I RGMII Receive Data 0 F18, U17 H20, Y18 D14, P14 G18, W17 RGMII1_RD1 I RGMII Receive Data 1 G16, T17 H19, W18 D16, P15 F18, V17 RGMII1_RD2 I RGMII Receive Data 2 E17, U18 H17, Y19 R16 E17, W18 RGMII1_RD3 I RGMII Receive Data 3 E18, T18 G20, W19 N14 F19, V18 RGMII1_TD0 O RGMII Transmit Data 0 B18, P16 F17, V18 N15 D18, U18 RGMII1_TD1 O RGMII Transmit Data 1 B17, P17 D20, V20 N16 C18, U19 RGMII1_TD2 O RGMII Transmit Data 2 D16, P18 C20, U19 L13 B19, R17 RGMII1_TD3 O RGMII Transmit Data 3 C17, N17 D19, T19 M15 C17, T18 Table 5-9. CPSW0 RGMII2 Signal Descriptions Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] RGMII2_RXC I RGMII Receive Clock K15 N20 H15 L18 RGMII2_RX_CTL I RGMII Receive Control K16 L20 G15 J19 RGMII2_TXC O RGMII Transmit Clock H18 M19 F16 K18 RGMII2_TX_CTL O RGMII Transmit Control L16 P18 H16 M19 AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 www.ti.com 56 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |