| Electronic Components Datasheet Search |
|
AM261...ZEJ Datasheet(PDF) 78 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZEJ Datasheet(HTML) 78 Page - Texas Instruments |
|
78 / 218 page ![]() Table 5-59. External Reference Clock Signal Descriptions Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] EXT_REFCLK0 I External Reference Clock Input P2 U2 P3 T1 5.3.21.3 Emulation and Debug Table 5-60. Trace Signal Descriptions Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] TRC_CLK O Trace Clock D15, K16 C18, L20 G15 B16, J19 TRC_CTL O Trace Control C15, G17 C19, K19 F14 B17, G17 TRC_DATA0 O Trace Data 0 F15, K17 F20, N17 K14 E18, M18 TRC_DATA1 O Trace Data 1 C18, K18 E20, N19 H14 L19 TRC_DATA2 O Trace Data 2 D17, J18 E19, M18 G16 K19 TRC_DATA3 O Trace Data 3 D18, J17 G18, M20 J14 C19, L17 TRC_DATA4 O Trace Data 4 E16 F19 E13 D19 TRC_DATA5 O Trace Data 5 F16 G19 D15 E19 TRC_DATA6 O Trace Data 6 F18 H20 D14 G18 TRC_DATA7 O Trace Data 7 G16 H19 D16 F18 TRC_DATA8 O Trace Data 8 E17 H17 E17 TRC_DATA9 O Trace Data 9 E18 G20 F19 TRC_DATA10 O Trace Data 10 C16 B20 B18 TRC_DATA11 O Trace Data 11 A17 E18 A18 TRC_DATA12 O Trace Data 12 B18 F17 D18 TRC_DATA13 O Trace Data 13 B17 D20 C18 TRC_DATA14 O Trace Data 14 D16 C20 B19 TRC_DATA15 O Trace Data 15 C17 D19 C17 Table 5-61. JTAG Signal Descriptions Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] TCK I JTAG Test Clock Input B3 D4 C6 B6 TDI I JTAG Test Data Input C5 C5 D5 C7 TDO O JTAG Test Data Output C4 E5 B5 A7 TMS IO JTAG Test Mode Select Input D5 D6 C7 B7 5.3.21.4 SYSTEM Table 5-62. System Signal Descriptions Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] PORz I Device Power-On (PORz) cold reset R2 V3 P2 T2 SAFETY_ERRORn IO ESM Safety Error Signal D4, M2, P2 E3, M1, U2 B3, H1, P3 C5, J3, T1 WARMRSTn IO Warm Reset Request (Input) / Warm Reset Status (Output) C3 G3 C3 C3 AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 www.ti.com 78 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |