| Electronic Components Datasheet Search |
|
AM261...ZEJ Datasheet(PDF) 63 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZEJ Datasheet(HTML) 63 Page - Texas Instruments |
|
63 / 218 page ![]() Table 5-31. GPIO Signal Descriptions (continued) Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] GPIO22 IO General Purpose Input/Output A8 A10 C9 B9 GPIO23 IO General Purpose Input/Output D7 B9 B7 GPIO24 IO General Purpose Input/Output C8 A9 A8 GPIO25 IO General Purpose Input/Output C7 C7 C8 C9 GPIO26 IO General Purpose Input/Output B7 D8 A7 A9 GPIO27 IO General Purpose Input/Output A7 A8 A6 A8 GPIO28 IO General Purpose Input/Output A6 B8 B6 B8 GPIO29 IO General Purpose Input/Output R17 W20 P16 V19 GPIO30 IO General Purpose Input/Output R18 V19 M14 U17 GPIO31 IO General Purpose Input/Output U17 Y18 P14 W17 GPIO32 IO General Purpose Input/Output T17 W18 P15 V17 GPIO33 IO General Purpose Input/Output U18 Y19 R16 W18 GPIO34 IO General Purpose Input/Output T18 W19 N14 V18 GPIO35 IO General Purpose Input/Output N18 U20 L15 R18 GPIO36 IO General Purpose Input/Output M18 T20 M16 T19 GPIO37 IO General Purpose Input/Output P16 V18 N15 U18 GPIO38 IO General Purpose Input/Output P17 V20 N16 U19 GPIO39 IO General Purpose Input/Output P18 U19 L13 R17 GPIO40 IO General Purpose Input/Output N17 T19 M15 T18 GPIO41 IO General Purpose Input/Output N16 R17 L16 P18 GPIO42 IO General Purpose Input/Output M17 T18 L14 R19 GPIO43 IO General Purpose Input/Output B2 B3 A4 B5 GPIO44 IO General Purpose Input/Output B1 C3 A5 A6 GPIO45 IO General Purpose Input/Output D3 A2 B4 A5 GPIO46 IO General Purpose Input/Output D2 A3 C5 A4 GPIO47 IO General Purpose Input/Output C2 B1 A3 A3 GPIO48 IO General Purpose Input/Output C1 B2 A2 B4 GPIO49 IO General Purpose Input/Output E2 C1 B2 A2 GPIO50 IO General Purpose Input/Output E3 C2 C4 B2 GPIO51 IO General Purpose Input/Output D1 D2 B1 B1 GPIO52 IO General Purpose Input/Output E4 D1 C1 B3 GPIO53 IO General Purpose Input/Output F2 E2 C2 C2 GPIO54 IO General Purpose Input/Output G2 E1 D3 C1 GPIO55 IO General Purpose Input/Output E1 F2 E3 E3 GPIO56 IO General Purpose Input/Output F3 F1 F4 E2 GPIO57 IO General Purpose Input/Output F4 G2 D2 D2 GPIO58 IO General Purpose Input/Output F1 G1 D1 D1 GPIO59 IO General Purpose Input/Output G3 H2 E2 E1 GPIO60 IO General Purpose Input/Output H2 H1 E1 F1 GPIO61(7) (8) IO General Purpose Input/Output G1 K4 F2 F2 GPIO62 IO General Purpose Input/Output J2 L2 F3 G1 GPIO63 IO General Purpose Input/Output G4 J2 GPIO64 IO General Purpose Input/Output J3 J1 GPIO65 IO General Purpose Input/Output H1 J3 www.ti.com AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 63 Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |