| Electronic Components Datasheet Search |
|
AM261...ZFG Datasheet(PDF) 87 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZFG Datasheet(HTML) 87 Page - Texas Instruments |
|
87 / 218 page ![]() 6.5 Recommended Operating Conditions over operating junction temperature range (unless otherwise noted) PARAMETER DESCRIPTION MIN NOM MAX UNIT VDD(1) SOC VDD Core Supply R5F = 400MHz 1.140 1.2 1.26 V R5F = 500MHz 1.188 1.25 1.32 V VDDAR1, VDDAR2, VDDAR3(1) SRAM Array Supplies R5F = 400MHz 1.140 1.2 1.26 V R5F = 500MHz 1.188 1.25 1.32 V VDDS18 1.8V IO Bias Supply from Bias LDO routed through board 1.710 1.800 1.890 V VDDS33 3.3V IO Supply 3.135 3.300 3.465 V VDDA18_OSC_PLL 1.8V Analog supply for PLL. Routed from the Analog LDO out through board 1.710 1.800 1.890 V VDDA33 Analog 3.3V Supply 3.135 3.300 3.465 V VDDA18 1.8V Analog supply. Routed from 1.8V Analog LDO out through Board 1.710 1.800 1.890 V TJ Operating junction temperature range Extended Automotive -40 150 °C Extended Industrial –40 125 °C (1) Devices of the 'O' Speed grade must follow the Recommended Operating Conditions for R5F at 500MHz regardless of the core frequency settings 6.6 Operating Performance Points This section describes the operating conditions of the device. This section also contains the description of each Operating Performance Point (OPP) for processor clocks, device core clocks, and available memory. DEVICE GRADE RAM (MB) R5FSS (MHz) HSM (MHz) ICSS (MHz) INFRA(1) (MHz) AM261x L 1.5 400 200 200 200 AM261x O(2) 1.5 500 250 225 200 AM261x P 1.5 200 200 200 200 (1) Infrastructure includes all other modules and IP integrated in the device (such as CBASS/Interconnect and other SoC level peripherals) unless otherwise noted in the table. (2) Devices of the 'O' Speed grade must follow the Recommended Operating Conditions for R5F at 500MHz regardless of the core frequency settings www.ti.com AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 87 Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |