Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM261...ZFG Datasheet(PDF) 61 Page - Texas Instruments

Part # AM261...ZFG
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZFG Datasheet(HTML) 61 Page - Texas Instruments

Back Button AM261...ZFG Datasheet HTML 57Page - Texas Instruments AM261...ZFG Datasheet HTML 58Page - Texas Instruments AM261...ZFG Datasheet HTML 59Page - Texas Instruments AM261...ZFG Datasheet HTML 60Page - Texas Instruments AM261...ZFG Datasheet HTML 61Page - Texas Instruments AM261...ZFG Datasheet HTML 62Page - Texas Instruments AM261...ZFG Datasheet HTML 63Page - Texas Instruments AM261...ZFG Datasheet HTML 64Page - Texas Instruments AM261...ZFG Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 218 page
background image
Table 5-28. EQEP1 Signal Descriptions (continued)
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
EQEP1_STROBE
IO
EQEP Strobe
B16, P18
B19, U19
C15, L13
R17
5.3.9 FSI
Table 5-29. FSIRX0 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
FSIRX0_CLK
I
FSI Clock
A10, T17
A12, W18
B10, P15
V17
FSIRX0_DATA0
I
FSI Data 0
B10, U18
D10, Y19
A9, R16
W18
FSIRX0_DATA1
I
FSI Data 1
D9, T18
C9, W19
C11, N14
V18
Table 5-30. FSITX0 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
FSITX0_CLK
O
FSI Clock
A11, R17
A13, W20
A12, P16
A12, V19
FSITX0_DATA0
O
FSI Data 0
C10, R18
B12, V19
A10, M14
B12, U17
FSITX0_DATA1
O
FSI Data 1
B11, U17
C12, Y18
A11, P14
B11, W17
5.3.10 GPIO
Table 5-31. GPIO Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
GPIO0
IO
General Purpose Input/Output
P1
U4
N3
R1
GPIO1
IO
General Purpose Input/Output
R3
T2
M3
R2
GPIO2
IO
General Purpose Input/Output
N2
M3
L2
M2
GPIO3 (1)
IO
General Purpose Input/Output
(SOP0)
N1
R2
M2
N2
GPIO4 (2)
IO
General Purpose Input/Output
(SOP1)
N4
R1
N1
N1
GPIO5
IO
General Purpose Input/Output
M4
T1
L3
P2
GPIO6
IO
General Purpose Input/Output
P3
U1
N2
P1
GPIO7
IO
General Purpose Input/Output
M1
P1
J3
K2
GPIO8
IO
General Purpose Input/Output
L1
P2
K1
L1
GPIO9
IO
General Purpose Input/Output
L2
N2
K2
J2
GPIO10
IO
General Purpose Input/Output
K1
N1
J2
K1
GPIO11
IO
General Purpose Input/Output
C11
B13
B11
C13
GPIO12 (5)
IO
General Purpose Input/Output
(SOP2)
A11
A13
A12
A12
GPIO13 (6)
IO
General Purpose Input/Output
(SOP3)
C10
B12
A10
B12
GPIO14
IO
General Purpose Input/Output
B11
C12
A11
B11
GPIO15
IO
General Purpose Input/Output
C9
D11
B9
GPIO16
IO
General Purpose Input/Output
A10
A12
B10
GPIO17
IO
General Purpose Input/Output
B10
D10
A9
GPIO18
IO
General Purpose Input/Output
D9
C9
C11
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
61
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com