Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S201MB20 Datasheet(PDF) 1 Page - ABB

Part # S201MB20
Description  Protecta - Type B Distribution Boards TP & N Distribution Boards
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

S201MB20 Datasheet(HTML) 1 Page - ABB

  S201MB20 Datasheet HTML 1Page - ABB S201MB20 Datasheet HTML 2Page - ABB S201MB20 Datasheet HTML 3Page - ABB S201MB20 Datasheet HTML 4Page - ABB S201MB20 Datasheet HTML 5Page - ABB S201MB20 Datasheet HTML 6Page - ABB S201MB20 Datasheet HTML 7Page - ABB S201MB20 Datasheet HTML 8Page - ABB S201MB20 Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
28 distribution ABB Low Voltage Contractor 0312
2
General Description
•
Constructed to BS EN60439 part 1 & 3
•
IP Ingress protection IP41BSEN60529
•
Enclosure finished in RAL7035
•
4 - 24 TP&N ways
•
Busbar rated 250A
•
Fault level 35kA
•
Voltage rating at 230/400v 50Hz
•
Earth and neutral terminals included
•
Integral door latch with key
•
Reversible door
•
Security Lock is also available (please ask)
•
Incoming devices up to 250A mounted in the board
TP&N Distribution Boards
Dimensions
Product Hierarchy 4200001
Outgoing Ways
H
W
D
Part No
Order Code
Price £
4 way TP&N
502
400
125
EPB25-304C
1SKP804142C0059
126.72
6 way TP&N
560
400
125
EPB25-306C
1SKP806142C0059
145.00
8 way TP&N
610
400
125
EPB25-308C
1SKP808142C0059
164.02
12 way TP&N
718
400
125
EPB25-312C
1SKP812142C0059
200.09
16 way TP&N
830
400
125
EPB25-316C
1SKP816142C0059
285.26
20 way TP&N
1001
400
125
EPB25-320C
1SKP820142C0059
370.13
24 way TP&N
1140
400
125
EPB25-324C
1SKP824142C0059
466.76
EPB25-312C
TP&N Pan Assemblies (for panel mounting)
Dimensions
Product Hierarchy 4200001
Outgoing Ways
H
W
D
Part No
Order Code
Price £
4 way TP&N
375
270
60
EPB25-PA304C
1SKP804100C0051
61.85
6 way TP&N
429
270
60
EPB25-PA306C
1SKP806100C0051
73.90
8 way TP&N
483
270
60
EPB25-PA308C
1SKP808100C0051
84.67
12 way TP&N
591
270
60
EPB25-PA312C
1SKP812100C0051
105.94
16 way TP&N
699
270
60
EPB25-PA316C
1SKP816100C0051
130.86
20 way TP&N
874
270
60
EPB25-PA320C
1SKP820100C0051
203.16
24 way TP&N
1014
270
60
EPB25-PA324C
1SKP824100C0051
253.83
EPB25-PA308C
Protecta - Type B Distribution Boards
TP & N Distribution Boards


Similar Part No. - S201MB20

ManufacturerPart #DatasheetDescription
logo
ABB
S201M-B10 ABB-S201M-B10 Datasheet
6Mb / 75P
Protecta Plus MCB distribution board 250A Edition 1
02.10.2017
S201M-B10NA ABB-S201M-B10NA Datasheet
1Mb / 35P
Miniature circuit-breakers S 200/S 200 M Residual-current-operated circuit-breakers F 200 Cross wiring/accessories
S201M-B13 ABB-S201M-B13 Datasheet
6Mb / 75P
Protecta Plus MCB distribution board 250A Edition 1
02.10.2017
S201M-B13NA ABB-S201M-B13NA Datasheet
1Mb / 35P
Miniature circuit-breakers S 200/S 200 M Residual-current-operated circuit-breakers F 200 Cross wiring/accessories
S201M-B16 ABB-S201M-B16 Datasheet
6Mb / 75P
Protecta Plus MCB distribution board 250A Edition 1
02.10.2017
More results

Similar Description - S201MB20

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
AN2001 MOTOROLA-AN2001 Datasheet
1Mb / 20P
Designing Expansion Boards
logo
Analog Devices
ADP1712 AD-ADP1712 Datasheet
254Kb / 8P
evaluation boards
REV. 0
logo
Intel Corporation
D820LP INTEL-D820LP Datasheet
48Kb / 17P
Desktop Boards
logo
fujitsu semiconductor
FTP-62ADSL000 FUJITSU-FTP-62ADSL000 Datasheet
327Kb / 10P
interfa ce boards
logo
List of Unclassifed Man...
604-6 ETC2-604-6 Datasheet
385Kb / 1P
TERMINAL BOARDS & STRIPS
15130 ETC2-15130 Datasheet
385Kb / 1P
TERMINAL BOARDS & STRIPS
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50_17 Datasheet
1Mb / 25P
Compact Evaluation Boards
logo
Maxim Integrated Produc...
MAX98050EVSYS MAXIM-MAX98050EVSYS Datasheet
2Mb / 25P
Two MAX98050 Development Boards (DEV Boards)
319-100629; Rev 0; 11/20
logo
STMicroelectronics
STM32 STMICROELECTRONICS-STM32 Datasheet
3Mb / 26P
STM32 development boards
logo
List of Unclassifed Man...
HK-4 ETC-HK-4 Datasheet
247Kb / 1P
terminals for boards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com