Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S201MB20 Datasheet(PDF) 5 Page - ABB

Part # S201MB20
Description  Protecta - Type B Distribution Boards TP & N Distribution Boards
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

S201MB20 Datasheet(HTML) 5 Page - ABB

  S201MB20 Datasheet HTML 1Page - ABB S201MB20 Datasheet HTML 2Page - ABB S201MB20 Datasheet HTML 3Page - ABB S201MB20 Datasheet HTML 4Page - ABB S201MB20 Datasheet HTML 5Page - ABB S201MB20 Datasheet HTML 6Page - ABB S201MB20 Datasheet HTML 7Page - ABB S201MB20 Datasheet HTML 8Page - ABB S201MB20 Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
32 distribution ABB Low Voltage Contractor 0312
2
C
S201M
S202M
S200M Series Type C - MCBs - BS EN 60898 10kA (BS EN60947-2 15kA<50A)
Suitable for cable protection and moderate switching surges for short duration. eg. discharge lamps.
Single Pole
Product Hierarchy 2400004
Rating
Amps
kA
Part No
Order Code
Price £
0.5
10kA
S201MC0.5
2CDS271001R0984
11.64
1
10kA
S201MC1
2CDS271001R0014
11.64
2
10kA
S201MC2
2CDS271001R0024
11.51
3
10kA
S201MC3
2CDS271001R0034
11.51
4
10kA
S201MC4
2CDS271001R0044
11.27
6
10kA
S201MC6
2CDS271001R0064
10.94
8
10kA
S201MC8
2CDS271001R0084
10.94
10
10kA
S201MC10
2CDS271001R0104
10.04
13
10kA
S201MC13
2CDS271001R0134
10.04
16
10kA
S201MC16
2CDS271001R0164
10.04
20
10kA
S201MC20
2CDS271001R0204
10.04
25
10kA
S201MC25
2CDS271001R0254
10.04
32
10kA
S201MC32
2CDS271001R0324
10.04
40
10kA
S201MC40
2CDS271001R0404
10.94
50
10kA
S201MC50
2CDS271001R0504
11.51
63
10kA
S201MC63
2CDS271001R0634
11.64
Double Pole
0.5
10kA
S202MC0.5
2CDS272001R0984
33.28
1
10kA
S202MC1
2CDS272001R0014
33.28
2
10kA
S202MC2
2CDS272001R0024
33.00
3
10kA
S202MC3
2CDS272001R0034
33.00
6
10kA
S202MC6
2CDS272001R0064
31.41
8
10kA
S202MC8
2CDS272001R0084
28.85
10
10kA
S202MC10
2CDS272001R0104
28.85
16
10kA
S202MC16
2CDS272001R0164
28.85
20
10kA
S202MC20
2CDS272001R0204
28.85
25
10kA
S202MC25
2CDS272001R0254
28.85
32
10kA
S202MC32
2CDS272001R0324
28.85
40
10kA
S202MC40
2CDS272001R0404
31.48
50
10kA
S202MC50
2CDS272001R0504
33.00
63
10kA
S202MC63
2CDS272001R0634
33.28
Protecta - Type B Distribution Boards
Outgoing MCBs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com