Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R3111Q552B Datasheet(PDF) 14 Page - Nisshinbo Micro Devices Inc.

Part # R3111Q552B
Description  LOW VOLTAGE DETECTOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R3111Q552B Datasheet(HTML) 14 Page - Nisshinbo Micro Devices Inc.

Back Button R3111Q552B Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 12Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 13Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 14Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 15Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 16Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 17Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 18Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
R3111x
14
 R3111E (TO-92) is the discontinued product as of April, 2017.
 Operation of R3111xxxxC
Vref
Ra
Rb
Rc
VDD
OUT
GND
Tr.1
Nch
Pch
Comparator
Block Diagram (R3111xxxxC)
tPLH
GND
GND
VDDL
-VDET
+VDET
Detector Threshold
Released Voltage
Minimum Operating Voltage
12
3
4
5
A
B
Detector Threshold
Hysteresis
Supply Voltage
(VDD)
Output Voltage
(VOUT)
Step
1
2
3
4
5
Comparator (+)
Pin Input Voltage
I
II
II
II
I
Comparator Output
H
L
Indefinite
L
H
Tr.1
OFF ON Indefinite ON OFF
Pch
ON OFF Indefinite OFF ON
Output Tr.
Nch
OFF ON Indefinite ON OFF
I
VDD
Rb
Rc
Ra
RbRc
II
VDD
Rb
Ra
Rb
Operation Diagram
 Explanation of operation
Step 1. The output voltage is equal to the supply voltage (VDD).
Step 2. At Point “A”, Vref  
 VDD(RbRc)/(RaRbRc) is true, as a result, the output of comparator is reversed
from "H" to "L", therefore the output voltage becomes the GND level. The voltage level of Point A
means a detector threshold voltage (
VDET).
Step 3. When the supply voltage is lower than the minimum operating voltage, the operation of the output
transistor becomes indefinite.
Step 4. The output Voltage is equal to the GND level.
Step 5. At Point “B”, Vref  
 VDDRb/(RaRb) is true, as a result, the output of comparator is reversed from "L" to
"H", then the output voltage is equal to the supply voltage (VDD). The voltage level of Point B means a
released voltage (
VDET).
) The difference between a released voltage and a detector threshold voltage is a detector threshold hysteresis.
Output
Delay Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com