Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R3111Q552B Datasheet(PDF) 13 Page - Nisshinbo Micro Devices Inc.

Part # R3111Q552B
Description  LOW VOLTAGE DETECTOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R3111Q552B Datasheet(HTML) 13 Page - Nisshinbo Micro Devices Inc.

Back Button R3111Q552B Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 12Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 13Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 14Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 15Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 16Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 17Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
R3111x
13
 R3111E (TO-92) is the discontinued product as of April, 2017.
 Operation of R3111xxxxB
Vref
Ra
Rb
Rc
VDD
OUT
GND
Tr.1
Nch
Comparator
OUT pin should be pulled-up to
VDD or an external voltage level.
Block Diagram (R3111xxxxB)
tPLH
GND
GND
VDDL
-VDET
+VDET
Detector Threshold
Released Voltage
Minimum Operating Voltage
Pull-up Voltage
1
2
3
A
B
Detector Threshold
Hysteresis
Supply Voltage
(VDD)
Output Voltage
(VOUT)
Step
1
2
3
Comparator (
)
Pin Input Voltage
I
II
I
Comparator Output
L
H
L
Tr.1
OFF ON OFF
Output Tr.
Nch
ON OFF ON
I
VDD
Rb
Rc
Ra
RbRc
II
VDD
Rb
Ra
Rb
Operation Diagram
 Explanation of operation
Step 1. The output voltage is equal to the GND level.
Step 2. At Point “A”, Vref  
 VDD(RbRc)/(RaRbRc) is true, as a result, the output of comparator is reversed
from "L" to "H", therefore the output voltage becomes the pull-up voltage. The voltage level of Point A
means a detector threshold voltage (
VDET).
Step 3. At Point “B”, Vref  
 VDDRb/(RaRb) is true, as a result, the output of comparator is reversed from "H" to
"L", then the output voltage is equal to the GND level. The voltage level of Point B means a released
voltage (
VDET).
) The difference between a released voltage and a detector threshold voltage is a detector threshold hysteresis.
Output
Delay Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com