Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M48Z512ASH Datasheet(PDF) 4 Page - STMicroelectronics

Part # M48Z512ASH
Description  4 Mbit 512Kb x8 ZEROPOWER SRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z512ASH Datasheet(HTML) 4 Page - STMicroelectronics

  M48Z512ASH Datasheet HTML 1Page - STMicroelectronics M48Z512ASH Datasheet HTML 2Page - STMicroelectronics M48Z512ASH Datasheet HTML 3Page - STMicroelectronics M48Z512ASH Datasheet HTML 4Page - STMicroelectronics M48Z512ASH Datasheet HTML 5Page - STMicroelectronics M48Z512ASH Datasheet HTML 6Page - STMicroelectronics M48Z512ASH Datasheet HTML 7Page - STMicroelectronics M48Z512ASH Datasheet HTML 8Page - STMicroelectronics M48Z512ASH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
M48Z512A, M48Z512AY
4/17
Figure 4. Hardware Hookup for SMT Chip Set (1)
Note: 1. For pin connections, see individual data sheets for M40Z300 and M68Z512 at www.st.com.
2. Connect THS pin to VOUT if 4.2V ≤ VPFD ≤ 4.5V (M48Z512AY) or connect THS pin to VSS if 4.5V ≤ VPFD ≤ 4.75V (M48Z512A).
3. SNAPHAT top ordered separately.
AI03631
E1CON
VSS
VOUT
THS
(2)
A
M40Z300
E
B
E2CON
E3CON
E4CON
VSS
E2
VCC
M68Z512
E
A0-A18
W
DQ0-DQ7
SNAPHAT
BATTERY
(3)
RST
BL
Table 4. AC Measurement Conditions
Note that Output Hi-Z is defined as the point where data is no longer
driven.
Input Rise and Fall Times
≤ 5ns
Input Pulse Voltages
0 to 3V
Input and Output Timing Ref. Voltages
1.5V
Figure 5. AC Testing Load Circuit
AI01030
5V
OUT
CL = 100pF or 5pF
CL includes JIG capacitance
1.9k
Ω
DEVICE
UNDER
TEST
1k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com