Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M48Z512ASH Datasheet(PDF) 3 Page - STMicroelectronics

Part # M48Z512ASH
Description  4 Mbit 512Kb x8 ZEROPOWER SRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z512ASH Datasheet(HTML) 3 Page - STMicroelectronics

  M48Z512ASH Datasheet HTML 1Page - STMicroelectronics M48Z512ASH Datasheet HTML 2Page - STMicroelectronics M48Z512ASH Datasheet HTML 3Page - STMicroelectronics M48Z512ASH Datasheet HTML 4Page - STMicroelectronics M48Z512ASH Datasheet HTML 5Page - STMicroelectronics M48Z512ASH Datasheet HTML 6Page - STMicroelectronics M48Z512ASH Datasheet HTML 7Page - STMicroelectronics M48Z512ASH Datasheet HTML 8Page - STMicroelectronics M48Z512ASH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3/17
M48Z512A, M48Z512AY
The M48Z512A/512AY also has its own Power-fail
Detect circuit. The control circuitry constantly mon-
itors the single 5V supply for an out of tolerance
condition. When VCC is out of tolerance, the circuit
write protects the SRAM, providing a high degree
of data security in the midst of unpredictable sys-
tem operation brought on by low VCC.As VCC falls
below approximately 3V, the control circuitry con-
nects the battery which maintains data until valid
power returns.
The ZEROPOWER RAM replaces industry stan-
dard SRAMs. It provides the nonvolatility of
PROMs without any requirement for special write
Figure 3. Block Diagram
AI02045
INTERNAL
BATTERY
E
VCC
VSS
VOLTAGE SENSE
AND
SWITCHING
CIRCUITRY
512K x 8
SRAM ARRAY
A0-A18
DQ0-DQ7
W
G
POWER
E
timing or limitations on the number of writes that
can be performed.
The M48Z512A/512AY has its own Power-fail De-
tect Circuit. The control circuitry constantly moni-
tors the single 5V supply for an out of tolerance
condition. When VCC is out of tolerance, the circuit
write protects the SRAM, providing a high degree
of data security in the midst of unpredictable sys-
tem operations brought on by low VCC.As VCC
falls below approximately 3V, the control circuitry
connects the battery which sustains data until valid
power returns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com