Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73233DBVR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73233DBVR
Description  Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73233DBVR Datasheet(HTML) 5 Page - Texas Instruments

  TPS73233DBVR Datasheet HTML 1Page - Texas Instruments TPS73233DBVR Datasheet HTML 2Page - Texas Instruments TPS73233DBVR Datasheet HTML 3Page - Texas Instruments TPS73233DBVR Datasheet HTML 4Page - Texas Instruments TPS73233DBVR Datasheet HTML 5Page - Texas Instruments TPS73233DBVR Datasheet HTML 6Page - Texas Instruments TPS73233DBVR Datasheet HTML 7Page - Texas Instruments TPS73233DBVR Datasheet HTML 8Page - Texas Instruments TPS73233DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
www.ti.com
PIN ASSIGNMENTS
TABISGND
DCQPACKAGE
SOT223
(TOPVIEW)
5
IN
OUT
GND
NR/FB
EN
DBVPACKAGE
SOT23
(TOPVIEW)
IN
GND
EN
3
NR/FB
OUT
1
2
5
4
IN
N/C
N/C
EN
8
7
6
5
OUT
N/C
NR/FB
GND
1
2
3
4
DRBPACKAGE
3mmx3mmSON
(TOPVIEW)
4
3
6
2
1
TPS732xx
SBVS037L – AUGUST 2003 – REVISED AUGUST 2007
TERMINAL FUNCTIONS
TERMINAL
SOT23
SOT223
3
×3 SON
(DBV)
(DCQ)
(DRB)
NAME
PIN NO.
PIN NO.
PIN NO.
DESCRIPTION
IN
1
1
8
Input supply
GND
2
3, 6
4, Pad
Ground
EN
3
5
5
Driving the enable pin (EN) high turns on the regulator. Driving this pin low puts the
regulator into shutdown mode. Refer to the Shutdown section under Applications
Information for more details. EN can be connected to IN if not used.
NR
4
4
3
Fixed voltage versions only—connecting an external capacitor to this pin bypasses
noise generated by the internal bandgap, reducing output noise to very low levels.
FB
4
4
3
Adjustable voltage version only—this is the input to the control loop error amplifier,
and is used to set the output voltage of the device.
OUT
5
2
1
Output of the Regulator. There are no output capacitor requirements for stability.
Copyright © 2003–2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS732xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com