Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73233DBVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73233DBVR
Description  Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73233DBVR Datasheet(HTML) 4 Page - Texas Instruments

  TPS73233DBVR Datasheet HTML 1Page - Texas Instruments TPS73233DBVR Datasheet HTML 2Page - Texas Instruments TPS73233DBVR Datasheet HTML 3Page - Texas Instruments TPS73233DBVR Datasheet HTML 4Page - Texas Instruments TPS73233DBVR Datasheet HTML 5Page - Texas Instruments TPS73233DBVR Datasheet HTML 6Page - Texas Instruments TPS73233DBVR Datasheet HTML 7Page - Texas Instruments TPS73233DBVR Datasheet HTML 8Page - Texas Instruments TPS73233DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
www.ti.com
FUNCTIONAL BLOCK DIAGRAMS
Servo
Error
Amp
Ref
27k
Ω
8k
Ω
Current
Limit
Thermal
Protection
Bandgap
NR
OUT
R
1
R
2
EN
GND
IN
R
1 + R2 = 80kΩ
4MHz
Charge Pump
VO
1.2V
1.5V
1.8V
2.5V
2.8V
3.0V
3.3V
R1
Short
23.2k
Ω
28.0k
Ω
39.2k
Ω
44.2k
Ω
46.4k
Ω
52.3k
Ω
R2
Open
95.3k
Ω
56.2k
Ω
36.5k
Ω
33.2k
Ω
30.9k
Ω
30.1k
Ω
Table 1. Standard 1%
Resistor Values for
Common Output Voltages
NOTE: VOUT = (R1 + R2)/R2 × 1.204;
R1R2 ≅ 19kΩ for best
accuracy.
Servo
Error
Amp
Ref
Current
Limit
Thermal
Protection
Bandgap
OUT
FB
R
1
R
2
EN
GND
IN
80k
Ω
8k
Ω
27k
Ω
4MHz
Charge Pump
TPS732xx
SBVS037L – AUGUST 2003 – REVISED AUGUST 2007
Figure 1. Fixed Voltage Version
Figure 2. Adjustable Voltage Version
4
Submit Documentation Feedback
Copyright © 2003–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS732xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com