| Electronic Components Datasheet Search |
|
2-RK Datasheet(PDF) 17 Page - TEKTRONIX, INC. |
|
|
|||||||||||||||||||||||||||||
2-RK Datasheet(HTML) 17 Page - TEKTRONIX, INC. |
|
17 / 30 page ![]() Parallel (with MSO option) Trigger on a parallel bus data value. Parallel bus can be from 1 to 20 bits (from the digital and analog channels) in size. Supports binary and hex radices I2C (option) Trigger on start, repeated start, stop, missing ack, address (7 or 10 bit), data, or address and data on I2C buses up to 10 Mb/s SPI (option) Trigger on slave select, idle time, or data (1-16 words) on SPI buses up to 20 Mb/s RS-232/422/485/UART (option) Trigger on start bit, end of packet, data, and parity error up to 15 Mb/s CAN (option) Trigger on start of frame, type of frame (data, remote, error, or overload), identifier, data, identifier and data, end of frame, missing ack, and bit stuff error on CAN buses up to 1 Mb/s LIN (option) Trigger on sync, identifier, data, identifier and data, wakeup frame, sleep frame, and error on lin buses up to 1 Mb/s SENT (option) Trigger on start of packet, fast channel status and data, slow channel message ID and data, and CRC errors Acquisition system modes Sample Acquired sample values Peak Detect Highest and the lowest sample within the decimation interval Averaging Average of a series of acquired waveforms up to 10,240 acquisitions Envelope Min-Max envelope over multiple acquisitions Hi-Res Applies a unique bandwidth filter for each sample rate that maintains the maximum bandwidth possible for that sample rate while preventing aliasing and removing noise from the oscilloscope amplifiers and ADC above the usable bandwidth for the selected sample rate. Waveform measurements Cursors Waveform, V bars, H bars, and V&H bars Automatic measurements 36, of which an unlimited number can be displayed as either individual measurement badges or collectively in a measurement results table Amplitude measurements Amplitude, maximum, minimum, peak-to-peak, positive overshoot, negative overshoot, mean, RMS, AC RMS, top, base, and area Time measurements Period, frequency, unit interval, data rate, positive pulse width, negative pulse width, skew, delay, rise time, fall time, phase, rising slew rate, falling slew rate, burst width, positive duty cycle, negative duty cycle, time outside level, setup time, hold time, duration n-periods, high time, and low time, time to max, and time to min Measurement statistics Mean, standard deviation, maximum, minimum, and population. Statistics are available on both the current acquisition and all acquisitions 2 Series MSO Datasheet www.tek.com 17 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |