Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-RK Datasheet(PDF) 6 Page - TEKTRONIX, INC.

Part # 2-RK
Description  2 Series MSO Mixed Signal Oscilloscope Datasheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

2-RK Datasheet(HTML) 6 Page - TEKTRONIX, INC.

Back Button 2-RK Datasheet HTML 2Page - TEKTRONIX, INC. 2-RK Datasheet HTML 3Page - TEKTRONIX, INC. 2-RK Datasheet HTML 4Page - TEKTRONIX, INC. 2-RK Datasheet HTML 5Page - TEKTRONIX, INC. 2-RK Datasheet HTML 6Page - TEKTRONIX, INC. 2-RK Datasheet HTML 7Page - TEKTRONIX, INC. 2-RK Datasheet HTML 8Page - TEKTRONIX, INC. 2-RK Datasheet HTML 9Page - TEKTRONIX, INC. 2-RK Datasheet HTML 10Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Triggering
Discovering a device fault is only the first step. Next, you must capture
the event of interest to identify root cause. The 2 Series MSO provides
a complete set of advanced triggers, including runt, logic, pulse width,
triggers, timeout, rise/fall time, setup and hold, serial packet, and
parallel data that can be used to capture complex infrequent events.
Configuration menus are accessed by simply double tapping on the item of interest. In
this case trigger badge was tapped to open trigger menu
Act on event
Act on event capability built into the instrument enables users to setup
the oscilloscope to respond by performing certain actions when a
specified condition such as trigger event, measurement limit failure,
search event or mask test events occur. This enables easy capture and
analysis of rarely occurring events.
An oscilloscope can be automated using the Act on event feature when a certain event
occurs
Navigation and search
With up to 10 M point record length, you can capture many events of
interest, even thousands of serial packets in a single acquisition, while
maintaining high resolution to zoom in on fine signal details.
Finding events of interest in a long waveform record can be time
consuming without the right search tools.
The search feature allows you to automatically search through your
acquisition for user-defined events. All occurrences of the event are
highlighted with search marks for easy navigation. Search types include
edge, pulse width, timeout, runt, window, logic, setup and hold, rise/fall
time, and parallel/serial bus packet content. You can also quickly jump
to the minimum and maximum value of search results.
Callouts
Documenting test results and methods are critical when sharing data
across a team, recreating a measurement later or delivering a customer
report.
With a few taps on the screen, you can create as many custom
callouts as needed, enabling you to document the specific details on
the waveforms. With each callout, you can customize the text, location,
color, font size, and font.
2 Series MSO Datasheet
www.tek.com 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com