| Electronic Components Datasheet Search |
|
LPDDR4 Datasheet(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPDDR4 Datasheet(HTML) 9 Page - NXP Semiconductors |
|
9 / 31 page ![]() NXP Semiconductors UM11597 PCF2131-ARD evaluation board Signal Active J4.1 – I2C_SCL J4.3 – I2C_SDA J4.7 – INTB J4.9 – INTA J12.1 – INTA J12.2 – INTB J12.9 – I2C_SDA J12.10 – I2C_SCL J4.1 – INTB J4.3 – INTA J4.5 – SPI_MISO J4.7 – SPI_SCK J4.8 – SPI_MOSI J4.9 – SPI_CE J12.1 – INTA J12.2 – INTB J12.3 – SPI_CE J12.4 – SPI_MOSI J12.5 – SPI_MISO J12.6 – SPI_SCK Table 2. I2C/SPI bus selection...continued 4.6 Aardvark header Wire label J5 Wire label I2C_SCL 1 2 GND I2C_SDA 3 4 NC SPI_MISO 5 6 NC SPI_SCK 7 8 SPI_MOSI SPI_CE 9 10 GND Table 3. J4 (Aardvark header) pin chart The PCF2131-ARD daughtercard contains a dedicated header (J4) for direct connection with an Aardvark I2C/SPI Host Adapter. Table 3 depicts the pin chart of the Aardvark header. For more details, see the Aardvark I2C / SPI Host Adapter from Total Phase (www.totalphase.com). When an external interface cable (Aardvark or Promira) is used on J4, depending on the interface selected, user should also place jumpers across all pins on either J1 (I2C) or J2 (SPI). The user must be sure the board is properly powered, and the Arduino interface is not used, to avoid signal conflicts. INTA and INTB signals are routed to the other interface pins that should be repurposed as GPIO functions. However, when using the Arduino connector, there are two dedicated pins already assigned for INTA (J12.1) and INTB (J12.2). It is not necessary to close the jumpers across 11&12 and 13&14 on J1 or J2 to route interrupt signals to the other interface pins. 4.7 Timestamp connector and toggle switches Figure 3 depicts the timestamp section of the PCF2131-ARD schematic diagram. The four dedicated inputs for timestamp (TS) of the DUT are pins 8 to 11. On the TS inputs, toggle switches SW1 to SW4 are connected. Simultaneously, the inputs are linked to J10 connector, so that the user can use either on-board switches or external devices for the timestamp test. UM11597 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. User manual Rev. 1.0 — 15 September 2021 9 / 31 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |