| Electronic Components Datasheet Search |
|
LPDDR4 Datasheet(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPDDR4 Datasheet(HTML) 5 Page - NXP Semiconductors |
|
5 / 31 page ![]() NXP Semiconductors UM11597 PCF2131-ARD evaluation board • Quick Start Guide 3.2 Assumptions Familiarity with the I2C and SPI bus is helpful but not required. 3.3 Static handling requirements CAUTION This device is sensitive to ElectroStatic Discharge (ESD). Therefore care should be taken during transport and handling. You must use a ground strap or touch the PC case or other grounded source before unpacking or handling the hardware. 3.4 Minimum system requirements This evaluation board requires a Windows PC workstation. Meeting these minimum specifications should produce great results when working with this evaluation board. • Computer with Windows 10 • One USB port (either 3.0 or 2.0 or 1.1 compatible) • One of three EVK boards (MIMXRT1050-EVK, LPC55S69-EVK, 8MMINILPD4-EVK) along with the associated firmware / GUI software • USB cable for power and data connection between PC and EVK board (if not included in the EVK package) 4 Getting to know the hardware 4.1 PCF2131-ARD evaluation board features • Equipped with Arduino Uno R3 port for direct connection with Arduino devices • On-board header for direct connection to Aardvark I2C/SPI Host Adapter • Adjustable power supply for complex tests and verification • On-board battery holder for battery switch-over circuit test • On-board jumpers for I2C-bus or SPI-bus selection • On-board connector and switches for timestamp function tests • Fully compliant with IMXRT1050 EVK board, including GUI (Windows 10) • Fully compliant with LPCXpresso55S69 development board, including GUI (Windows 10) • Compliant with i.MX Mini LPDDR4 EVK board, including GUI (Windows 10) Note: For i.MX Mini LPDDR4 EVK Board it is necessary to use an IMX8MMINI-IARD interposer board between the EVK and PCF2131-ARD daughterboard (see UM11612 IMX8MMINI-IARD User Manual). 4.2 Kit featured components Figure 1 identifies the main components on the board. The main elements are called out in the picture. The Arduino port connectors (J6, J7, J11, J12) are located on the bottom side of the board. UM11597 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. User manual Rev. 1.0 — 15 September 2021 5 / 31 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |