Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF27CV Datasheet(PDF) 24 Page - STMicroelectronics

Part # LF27CV
Description  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF27CV Datasheet(HTML) 24 Page - STMicroelectronics

Back Button LF27CV Datasheet HTML 20Page - STMicroelectronics LF27CV Datasheet HTML 21Page - STMicroelectronics LF27CV Datasheet HTML 22Page - STMicroelectronics LF27CV Datasheet HTML 23Page - STMicroelectronics LF27CV Datasheet HTML 24Page - STMicroelectronics LF27CV Datasheet HTML 25Page - STMicroelectronics LF27CV Datasheet HTML 26Page - STMicroelectronics LF27CV Datasheet HTML 27Page - STMicroelectronics LF27CV Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
LF00 SERIES
24/34
TYPICAL PERFORMANCE CHARACTERISTICS (unless otherwise specified VO(NOM) =3.3 V)
Figure 1 : Dropout Voltage vs Output Current
Figure 2 : Dropout Voltage vs Temperature
Figure 3 : Supply Current vs Input Voltage
Figure 4 : Supply Current vs Input Voltage
Figure 5 : Short Circuit Current vs Input Voltage
Figure 6 : Supply Current vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com