Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF27CV Datasheet(PDF) 13 Page - STMicroelectronics

Part # LF27CV
Description  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF27CV Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LF27CV Datasheet HTML 9Page - STMicroelectronics LF27CV Datasheet HTML 10Page - STMicroelectronics LF27CV Datasheet HTML 11Page - STMicroelectronics LF27CV Datasheet HTML 12Page - STMicroelectronics LF27CV Datasheet HTML 13Page - STMicroelectronics LF27CV Datasheet HTML 14Page - STMicroelectronics LF27CV Datasheet HTML 15Page - STMicroelectronics LF27CV Datasheet HTML 16Page - STMicroelectronics LF27CV Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
LF00 SERIES
13/34
ELECTRICAL CHARACTERISTICS FOR LF40C (refer to the test circuits, Tj = 25°C, CI =0.1 µF,
CO =2.2 µF unless otherwise specified.)
ELECTRICAL CHARACTERISTICS FOR LF45AB (refer to the test circuits, Tj =25°C, CI =0.1 µF,
CO =2.2 µF unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
IO = 50 mA, VI = 6 V
3.92
4
4.08
V
IO = 50 mA, VI =6 V, Ta = -25 to 85°C
3.84
4.16
VI
Operating Input Voltage
IO = 500 mA
16
V
IO
Output Current Limit
1
A
∆V
O
Line Regulation
VI = 5 to 16 V,
IO = 5 mA
4
20
mV
∆V
O
Load Regulation
VI = 5.3 V,
IO = 5 to 500 mA
4
20
mV
Id
Quiescent Current
VI = 5 to 16V,
IO = 0mA
ON MODE
0.5
1
mA
VI = 5.3 to 16V, IO = 500mA
12
VI = 6 V
OFF MODE
50
100
µA
SVR
Supply Voltage Rejection
IO =5mA
VI =6 ± 1 V
f = 120 Hz
78
dB
f= 1KHz
73
f = 10 KHz
60
eN
Output Noise Voltage
B = 10 Hz to 100 KHz
50
µV
Vd
Dropout Voltage
IO = 200 mA
0.2
0.35
V
IO = 500 mA
0.4
0.7
VIL
Control Input Logic Low
Ta = -40 to 125°C
0.8
V
VIH
Control Input Logic High
Ta = -40 to 125°C
2
V
II
Control Input Current
VI =6 V,
VC =6V
10
µA
CO
Output Bypass Capacitance ESR = 0.1 to 10
Ω
IO =0 to 500mA
2
10
µF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
IO = 50 mA, VI = 6.5 V
4.455
4.5
4.545
V
IO = 50 mA, VI =6.5 V, Ta = -25 to 85°C
4.41
4.59
VI
Operating Input Voltage
IO = 500 mA
16
V
IO
Output Current Limit
1
A
∆V
O
Line Regulation
VI = 5.5 to 16 V,
IO = 5 mA
4
22
mV
∆V
O
Load Regulation
VI = 5.8 V,
IO = 5 to 500 mA
4
22
mV
Id
Quiescent Current
VI = 5.5 to 16V, IO = 0mA
ON MODE
0.5
1
mA
VI = 5.8 to 16V, IO = 500mA
12
VI = 6 V
OFF MODE
50
100
µA
SVR
Supply Voltage Rejection
IO =5mA
VI = 6.5 ± 1 V
f = 120 Hz
77
dB
f= 1KHz
72
f = 10 KHz
60
eN
Output Noise Voltage
B = 10 Hz to 100 KHz
50
µV
Vd
Dropout Voltage
IO = 200 mA
0.2
0.35
V
IO = 500 mA
0.4
0.7
VIL
Control Input Logic Low
Ta = -40 to 125°C
0.8
V
VIH
Control Input Logic High
Ta = -40 to 125°C
2
V
II
Control Input Current
VI =6 V,
VC =6V
10
µA
CO
Output Bypass Capacitance ESR = 0.1 to 10
Ω
IO =0 to 500mA
2
10
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com