Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PZ4M2CNNW150. Datasheet(PDF) 2 Page - E-SWITCH

Part # PZ4M2CNNW150.
Description  PZ Series Anti-vandal Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

PZ4M2CNNW150. Datasheet(HTML) 2 Page - E-SWITCH

  PZ4M2CNNW150. Datasheet HTML 1Page - E-SWITCH PZ4M2CNNW150. Datasheet HTML 2Page - E-SWITCH PZ4M2CNNW150. Datasheet HTML 3Page - E-SWITCH PZ4M2CNNW150. Datasheet HTML 4Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.e-switch.com
800.867.2717
2
PZ Series Anti-vandal Switch
Body Dimensions
19mm Option
Concave Bezel
SHEET OF
1
3
5/14/2021
PZ Catalog Drawing
RING ILLUMINATION
COLOR: RGB
HOUSING
(CONCAVE)
15.80
[
.62 in]
25.00
[
.98 in]
WIRES, 26AWG
PIN #1
CONNECTOR HOUSING
1 X 6 PIN
M19 x 1.0
THREAD
150.010.0
5.9.4 in
[
]
1.80
[.07 in]
18.20
[.72 in]
17.50
[.689 in]
FLATS
BROWN WIRE
ORANGE WIRE
RING ILLUMINATION
COLOR: RGB
HOUSING
(CONCAVE)
19.40
[
.76 in]
28.00
[
1.10 in]
WIRES, 26AWG
PIN #1
CONNECTOR HOUSING
1 X 6 PIN
M22 x 1.0
THREAD
150.010.0
5.9 .39 in
[
]
3.00
[.12 in]
17.00
[.67 in]
20.50
[.807 in]
FLATS
ORANGE WIRE
BROWN WIRE
Body Dimensions
22mm Option
Concave Bezel



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com