Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PZ4M2CNNW150. Datasheet(PDF) 4 Page - E-SWITCH

Part # PZ4M2CNNW150.
Description  PZ Series Anti-vandal Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

PZ4M2CNNW150. Datasheet(HTML) 4 Page - E-SWITCH

  PZ4M2CNNW150. Datasheet HTML 1Page - E-SWITCH PZ4M2CNNW150. Datasheet HTML 2Page - E-SWITCH PZ4M2CNNW150. Datasheet HTML 3Page - E-SWITCH PZ4M2CNNW150. Datasheet HTML 4Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.e-switch.com
800.867.2717
4
PZ Series Anti-vandal Switch
Panel Cutout &
Schematic
Recommended Panel Cutout
SHEET OF
3
3
5/14/2021
PZ Catalog Drawing
BROWN WIRE - SWITCH
BLUE WIRE - BLUE LED (-)
GREEN WIRE - GREEN LED (-)
RED WIRE - RED LED (-)
BROWN WIRE - SWITCH
ORANGE WIRE - LED (+)
R
R
R
B
G
R
SWITCH
6
5
DC IN 12-24V
AC/DC 5-24V
GND
2
1
4
3
GND
GND
LOAD
AC/DC 5-24V
6
5
1
2
3
BROWN WIRE - SWITCH
BROWN WIRE - SWITCH
4
LOAD
SWITCH
17.70 -.00
.20
+
.697 -.000
.008
+
in
[]
19.00
- .00
.20
+
.748 -.000
.008
+
in
[
]
20.70 -.00
.20
+
.815 -.000
.008
+
in
[]
22.00
- .00
.20
+
.866 -.000
.008
+
in
[
]
19mm - Cutout
22mm - Cutout
19mm - Cutout
Schematic
Momemtary/Pulse Non-Illuminated
Schematics
Schematic
Momemtary/Pulse Illuminated - RGB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com