| Electronic Components Datasheet Search |
|
LE12CZ Datasheet(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LE12CZ Datasheet(HTML) 5 Page - STMicroelectronics |
|
5 / 27 page ![]() LE00AB/C SERIES 5/27 Table 6: Electrical Characteristics For LE15AB (refer to the test circuits, Tj = 25°C, CI = 0.1 µF, CO = 2.2 µF unless otherwise specified.) Table 7: Electrical Characteristics For LE15C (refer to the test circuits, Tj = 25°C, CI = 0.1 µF, CO = 2.2 µF unless otherwise specified.) Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage IO = 10 mA, VI = 3.5 V 1.47 1.5 1.53 V IO = 10 mA, VI = 3.5 V, Ta = -25 to 85°C 1.44 1.56 VI Operating Input Voltage IO = 100 mA 2.5 18 V IO Output Current Limit 150 mA ∆V O Line Regulation VI = 2.5 to 18 V, IO = 0.5 mA 3 15 mV ∆V O Load Regulation VI = 2.8 V IO = 0.5 to 100 mA 3 15 mV Id Quiescent Current VI = 2.5 to 18V, IO = 0mA ON MODE 0.5 1 mA VI = 2.5 to 18V, IO = 100mA 1.5 3 VI = 6 V OFF MODE 50 100 µA SVR Supply Voltage Rejection IO = 5 mA VI = 3.5 ± 1 V f = 120 Hz 82 dB f = 1 KHz 77 f = 10 KHz 60 eN Output Noise Voltage B = 10 Hz to 100 KHz 50 µV Vd Dropout Voltage IO = 100 mA Ta = -40 to 125°C 1 V VIL Control Input Logic Low Ta = -40 to 125°C 0.8 V VIH Control Input Logic High Ta = -40 to 125°C 2 V II Control Input Current VI = 6 V, VC = 6 V 10 µA CO Output Bypass Capacitance ESR = 0.1 to 10 Ω IO = 0 to 100 mA 2 10 µF Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage IO = 10 mA, VI = 3.5 V 1.47 1.5 1.53 V IO = 10 mA, VI = 3.5 V, Ta = -25 to 85°C 1.44 1.56 VI Operating Input Voltage IO = 100 mA 2.5 18 V IO Output Current Limit 150 mA ∆V O Line Regulation VI = 2.5 to 18 V, IO = 0.5 mA 3 20 mV ∆V O Load Regulation VI = 2.8 V IO = 0.5 to 100 mA 3 25 mV Id Quiescent Current VI = 2.5 to 18V, IO = 0mA ON MODE 0.5 1 mA VI = 2.5 to 18V, IO = 100mA 1.5 3 VI = 6 V OFF MODE 50 100 µA SVR Supply Voltage Rejection IO = 5 mA VI = 3.5 ± 1 V f = 120 Hz 82 dB f = 1 KHz 77 f = 10 KHz 60 eN Output Noise Voltage B = 10 Hz to 100 KHz 50 µV Vd Dropout Voltage IO = 100 mA Ta = -40 to 125°C 1 V VIL Control Input Logic Low Ta = -40 to 125°C 0.8 V VIH Control Input Logic High Ta = -40 to 125°C 2 V II Control Input Current VI = 6 V, VC = 6 V 10 µA CO Output Bypass Capacitance ESR = 0.1 to 10 Ω IO = 0 to 100 mA 2 10 µF |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |