| Electronic Components Datasheet Search |
|
LE12CZ Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LE12CZ Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 27 page ![]() LE00AB/C SERIES 2/27 Table 1: Absolute Maximum Ratings (*) Our SO-8 package used for Voltage Regulators is modified internally to have pins 2, 3, 6 and 7 electrically communed to the die attach flag. This particular frame decreases the total thermal resistance of the package and increases its ability to dissipate power when an appro- priate area of copper on the printed circuit board is available for heatsinking. The external dimensions are the same as for the standard SO-8. Table 2: Thermal Data Figure 1: Test Circuits Note: If the Inhibit pin is left floating, the regulator is in ON mode. However, to avoid any noise picking-up, it is suggested to ground it when the Inhibit function is not used. Figure 2: Pin Connection (top view) Symbol Parameter Value Unit VI DC Input Voltage 20 V IO Output Current Internally Limited (*) Ptot Power Dissipation Internally Limited (*) Tstg Storage Temperature Range -40 to 150 °C Top Operating Junction Temperature Range -40 to 125 °C Symbol Parameter SO-8 TO-92 Unit Rthj-case Thermal Resistance Junction-case 20 °C/W Rthj-amb Thermal Resistance Junction-ambient 55 200 °C/W SO-8 TO-92 BOTTOM VIEW PIN 1 = VOUT PIN 2 = GND PIN 3 = VIN |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |