Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM193D Datasheet(PDF) 3 Page - STMicroelectronics

Part # LM193D
Description  Low power dual voltage comparators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM193D Datasheet(HTML) 3 Page - STMicroelectronics

  LM193D Datasheet HTML 1Page - STMicroelectronics LM193D Datasheet HTML 2Page - STMicroelectronics LM193D Datasheet HTML 3Page - STMicroelectronics LM193D Datasheet HTML 4Page - STMicroelectronics LM193D Datasheet HTML 5Page - STMicroelectronics LM193D Datasheet HTML 6Page - STMicroelectronics LM193D Datasheet HTML 7Page - STMicroelectronics LM193D Datasheet HTML 8Page - STMicroelectronics LM193D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
LM193, LM293, LM393
Absolute maximum ratings and operating conditions
3/15
2
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
±18 or 36
V
Vid
Differential input voltage
±36
V
Vin
Input voltage
-0.3 to +36
V
Output short-circuit to ground (1)
Infinite
Rthja
Thermal resistance junction to ambient(2)
SO-8
TSSOP8
DIP8
MiniSO-8
125
120
85
190
°C/W
Rthjc
Thermal resistance junction to case(2)
SO-8
TSSOP8
DIP8
MiniSO-8
40
37
41
39
°C/W
Tj
Maximum junction temperature
150
°C
Tstg
Storage temperature range
-65 to +150
°C
ESD
HBM: human body model(3)
800
V
MM: machine model(4)
200
CDM: charged device model(5)
1500
1.
Short-circuits from the output to VCC
+ can cause excessive heating and potential destruction. The maximum output current
is approximately 20 mA independent of the magnitude of VCC
+.
2.
Short-circuits can cause excessive heating and destructive dissipation. Values are typical.
3.
Human body model: A 100 pF capacitor is charged to the specified voltage, then discharged through a 1.5 k
Ω resistor
between two pins of the device. This is done for all couples of connected pin combinations while the other pins are floating.
4.
Machine model: A 200 pF capacitor is charged to the specified voltage, then discharged directly between two pins of the
device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of connected pin combinations
while the other pins are floating.
5.
Charged device model: all pins and the package are charged together to the specified voltage and then discharged directly
to the ground through only one pin. This is done for all pins.
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2 to 36
V
Vicm
Common mode input voltage range (VCC
+= 30V)(1)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
0 to VCC
+ -1.5
0 to VCC
+ -2
V
Toper
Operating free-air temperature range
LM193, LM193A
LM293, LM293A
LM393, LM393A
-55 to +125
-40 to +105
0 to +70
°C
1.
The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3 V.
The high end of the common-mode voltage range is VCC
+ -1.5 V, but either or both inputs can go to +30 V without damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com