Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM193D Datasheet(PDF) 6 Page - STMicroelectronics

Part # LM193D
Description  Low power dual voltage comparators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM193D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LM193D Datasheet HTML 2Page - STMicroelectronics LM193D Datasheet HTML 3Page - STMicroelectronics LM193D Datasheet HTML 4Page - STMicroelectronics LM193D Datasheet HTML 5Page - STMicroelectronics LM193D Datasheet HTML 6Page - STMicroelectronics LM193D Datasheet HTML 7Page - STMicroelectronics LM193D Datasheet HTML 8Page - STMicroelectronics LM193D Datasheet HTML 9Page - STMicroelectronics LM193D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Typical applications
LM193, LM293, LM393
6/15
4
Typical applications
Figure 7.
Basic comparator
Figure 8.
Driving TTL
V
CC =5V
15k
Ω
VO
+V
(ref)
-V
(ref)
1/2
LM193
5V
10k
W
+V
(ref)
-V
(ref)
&
&
1/2
LM193
Figure 9.
Low frequency op-amp
Figure 10. Driving CMOS
5V
15k
W
eo
0.5
mF
100k
W
e I
1k
W
A
= 100
V
~
2N 2222
(e
= 0V for e
= 0V)
I
o
1/2
LM193
5V
100k
W
+V
(ref)
-V
(ref)
&
1/2
LM193
Figure 11. Low frequency op-amp
Figure 12. Transducer amplifier
5V
15k
W
e o
0.5
mF
100k
W
e I
1k
W
A = 100
V
~
1/2
LM193
5V
10k
W
eo
20M
W
3k
W
Magnetic pick-up
10k
W
1/2
LM193



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com