Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSG90529. Datasheet(PDF) 1 Page - Pro-Signal

Part # PSG90529.
Description  Ethernet Cable RJ45 Plug to RJ45 Plug
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

PSG90529. Datasheet(HTML) 1 Page - Pro-Signal

  PSG90529. Datasheet HTML 1Page - Pro-Signal PSG90529. Datasheet HTML 2Page - Pro-Signal PSG90529. Datasheet HTML 3Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page <1>
V1.0
21/07/21
Ethernet Cable
RJ45 Plug to RJ45 Plug
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Specifications
LAN Category
: Cat6
Connector to Connector
: RJ45 Plug to RJ45 Plug
Diagram
Note:
Cable: (7/0.18Cu±0.008)×4Pair+Filler+PVC Jacket
Cable Marking: RW System Cable UTP Cat6 4 Pairs 24AWG
Stranded TIA/EIA568 250MHz
Connector: RJ45(8P8C) Male Cat6 Type
Insulation: Clear Polyester
Contacts: Brass, Gold Plated G/F
Molding: PVC
Part Number Table
Description
Colour Length (L) Part Number
Lead Patch Cat6, RJ45 Plug-Plug
Black
0.2m
PSG90851.
0.5m
PSG90525.
10m
PSG90530
15m
PSG90531
1m
PSG90526.
20m
PSG90532
2m
PSG90527
3m
PSG90528
5m
PSG90529.


Similar Part No. - PSG90529.

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
PSG90529 PROSIGNAL-PSG90529 Datasheet
251Kb / 1P
Snagless UTP Patch Cord Cat6
V1.0 23/05/22
More results

Similar Description - PSG90529.

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6324 POMONA-6324 Datasheet
32Kb / 1P
Bantam Plug To RJ45 / RJ48
logo
3M Electronics
3R108 3M-3R108 Datasheet
1Mb / 2P
3M Industrial RJ45 Modular Plug
Dec-2005
logo
PHOENIX CONTACT
1688586 PHOENIX-1688586 Datasheet
237Kb / 7P
VARIOSUB RJ45/IP20 Plug Connectors
logo
PowerDynamics, Inc
3352D01110 POWERDYNAMICS-3352D01110 Datasheet
264Kb / 1P
Waterproof RJ45 Jack With Cable and Plug (IP68)
logo
HARTING Technology Grou...
09-12-000-9957 HARTING-09-12-000-9957 Datasheet
438Kb / 2P
RJ45 Plug Stewart Inserts
logo
PHOENIX CONTACT
1419001 PHOENIX-1419001 Datasheet
62Kb / 3P
RJ45 plug connector - VS-08-RJ45-10G/Q
logo
HARTING Technology Grou...
09-12-000-9958 HARTING-09-12-000-9958 Datasheet
459Kb / 2P
RJ45 Plug
logo
List of Unclassifed Man...
P-ND9-ACHX-XXAL ETC-P-ND9-ACHX-XXAL Datasheet
348Kb / 1P
IX INDUSTRIAL ETHERNET CABLE, TYPE A PLUG TO 40mm RIGHT ANGLE RJ45 PLUG, SPECIAL FEATURES, 50μ
Rev. A
P-ND9-ACHX-XXAM ETC-P-ND9-ACHX-XXAM Datasheet
348Kb / 1P
IX INDUSTRIAL ETHERNET CABLE, TYPE A PLUG TO 52mm RIGHT ANGLE RJ45 PLUG, SPECIAL FEATURES, 50μ
Rev. A
logo
Bel Fuse Inc.
CT999267 BEL-CT999267 Datasheet
301Kb / 1P
CATSE RJ45 PLUG TO CATSE RJ45 PLUG COIL CORD
Rev. A1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com